Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SE95U Datasheet(PDF) 19 Page - NXP Semiconductors

Part No. SE95U
Description  Ultra high accuracy digital temperature sensor and thermal watchdog
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE95U Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SE95U Datasheet HTML 15Page - NXP Semiconductors SE95U Datasheet HTML 16Page - NXP Semiconductors SE95U Datasheet HTML 17Page - NXP Semiconductors SE95U Datasheet HTML 18Page - NXP Semiconductors SE95U Datasheet HTML 19Page - NXP Semiconductors SE95U Datasheet HTML 20Page - NXP Semiconductors SE95U Datasheet HTML 21Page - NXP Semiconductors SE95U Datasheet HTML 22Page - NXP Semiconductors SE95U Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
SE95_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 September 2009
19 of 27
NXP Semiconductors
SE95
Ultra high accuracy digital temperature sensor and thermal watchdog
14. Application information
The SE95 is sensitive to power supplies with ramp-up time
≤2 ms and could NACK or
hang the I2C-bus. In most applications the SE95 will function properly since power
supplies have a >2 ms ramp-up time. If the power supply ramp-up time is
≤2 ms, use an
RC network with R = 300
Ω and C = 10 µF, as shown in Figure 18, to add about 3 ms to
the ramp-up time. The 10
µF capacitor is the same as the bypass capacitor that is
typically used to prevent fluctuations on the power supply. The 300
Ω resistor will reduce
the supply voltage by about 45 mV since the SE95 supply current is about 150
µA. Ensure
the SE95 is the only device connected to the end of 300
Ω resistor since additional
devices would draw more current and cause a larger voltage drop across the resistor.
Fig 18.
Typical application circuit
002aae891
10 k
SE95
detector or
interrupt line
SCL
SDA
A2
A1
A0
OS
VCC
power supply
GND
digital logic
or tie to
VCC or GND
I2C-bus
10
µF
300
power supply


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn