Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS3V3S1UR Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PTVS3V3S1UR
Description  400 W Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTVS3V3S1UR Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PTVS3V3S1UR Datasheet HTML 2Page - NXP Semiconductors PTVS3V3S1UR Datasheet HTML 3Page - NXP Semiconductors PTVS3V3S1UR Datasheet HTML 4Page - NXP Semiconductors PTVS3V3S1UR Datasheet HTML 5Page - NXP Semiconductors PTVS3V3S1UR Datasheet HTML 6Page - NXP Semiconductors PTVS3V3S1UR Datasheet HTML 7Page - NXP Semiconductors PTVS3V3S1UR Datasheet HTML 8Page - NXP Semiconductors PTVS3V3S1UR Datasheet HTML 9Page - NXP Semiconductors PTVS3V3S1UR Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PTVSXS1UR_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 September 2009
7 of 10
NXP Semiconductors
PTVSxS1UR series
400 W Transient Voltage Suppressor
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
The series consists of 35 types with reverse standoff voltages from 3.3 V to 64 V.
11. Soldering
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number[2]
Package
Description
Packing quantity
3000
PTVSxS1UR series SOD123W
4 mm pitch, 8 mm tape and reel
-115
Reflow soldering is the only recommended soldering method.
Fig 6.
Reflow soldering footprint SOD123W
2.9
2.8
4.4
1.6
2.1
1.2
(2
×)
1.1
(2
×)
solder lands
solder resist
occupied area
solder paste
1.1
(2
×)
1.2
(2
×)
sod123w_fr
Dimensions in mm


Similar Part No. - PTVS3V3S1UR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVS3V3S1UR NEXPERIA-PTVS3V3S1UR Datasheet
680Kb / 12P
   400 W Transient Voltage Suppressor
Rev. 3 - 10 January 2011
PTVS3V3S1UR-Q NEXPERIA-PTVS3V3S1UR-Q Datasheet
220Kb / 11P
   400 W Transient Voltage Suppressor
1 June 2022
More results

Similar Description - PTVS3V3S1UR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVSXS1UR-Q_SER NEXPERIA-PTVSXS1UR-Q_SER Datasheet
220Kb / 11P
   400 W Transient Voltage Suppressor
1 June 2022
PTVSXS1UR_SER NEXPERIA-PTVSXS1UR_SER Datasheet
680Kb / 12P
   400 W Transient Voltage Suppressor
Rev. 3 - 10 January 2011
PTVSXS1UTR_SER NEXPERIA-PTVSXS1UTR_SER Datasheet
880Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXS1UTR-Q_SER NEXPERIA-PTVSXS1UTR-Q_SER Datasheet
233Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
13 June 2022
PTVSXS1UTR NEXPERIA-PTVSXS1UTR Datasheet
881Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
BZW04 TSC-BZW04_13 Datasheet
262Kb / 6P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Nexperia B.V. All right...
PTVSXU1UPA_SER NEXPERIA-PTVSXU1UPA_SER Datasheet
881Kb / 12P
   300 W Transient Voltage Suppressor
Rev. 1 - 6 March 2014
logo
Shenzhen Luguang Electr...
P4KE6.8 LUGUANG-P4KE6.8 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com