Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG4020ER Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEG4020ER
Description  2 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG4020ER Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEG4020ER Datasheet HTML 1Page - NXP Semiconductors PMEG4020ER Datasheet HTML 2Page - NXP Semiconductors PMEG4020ER Datasheet HTML 3Page - NXP Semiconductors PMEG4020ER Datasheet HTML 4Page - NXP Semiconductors PMEG4020ER Datasheet HTML 5Page - NXP Semiconductors PMEG4020ER Datasheet HTML 6Page - NXP Semiconductors PMEG4020ER Datasheet HTML 7Page - NXP Semiconductors PMEG4020ER Datasheet HTML 8Page - NXP Semiconductors PMEG4020ER Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PMEG4020ER_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 22 October 2009
3 of 13
NXP Semiconductors
PMEG4020ER
2 A low VF MEGA Schottky barrier rectifier
[1]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
[2]
Tj =25 °C prior to surge.
[3]
Reflow soldering is the only recommended soldering method.
[4]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[5]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
6.
Thermal characteristics
[1]
For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[4]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[5]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
[6]
Soldering point of cathode tab.
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1][2]
[3] -
-
220
K/W
[4] -
-
130
K/W
[5] --70
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[6] --18
K/W


Similar Part No. - PMEG4020ER

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4020ER NEXPERIA-PMEG4020ER Datasheet
284Kb / 13P
   40 V, 2 A low VF Schottky barrier rectifier
1 January 2023
PMEG4020ER-Q NEXPERIA-PMEG4020ER-Q Datasheet
262Kb / 13P
   40 V, 2 A low VF Schottky barrier rectifier
16 November 2022
More results

Similar Description - PMEG4020ER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3020EPA NXP-PMEG3020EPA Datasheet
161Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-15 December 2009
PMEG3020BER NXP-PMEG3020BER Datasheet
99Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 April 2009
PMEG4020EPA NXP-PMEG4020EPA Datasheet
161Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 December 2009
PMEG6020EPA PHILIPS-PMEG6020EPA Datasheet
164Kb / 14P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 2-17 June 2010
PMEG3020CEP PHILIPS-PMEG3020CEP_15 Datasheet
98Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-30 December 2008
logo
Nexperia B.V. All right...
PMEG6020EPA NEXPERIA-PMEG6020EPA Datasheet
277Kb / 15P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 17 June 2010
logo
NXP Semiconductors
PMEG3020EP NXP-PMEG3020EP Datasheet
98Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-15 September 2009
logo
Nexperia B.V. All right...
PMEG6020ER NEXPERIA-PMEG6020ER Datasheet
248Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
PMEG3020EPA NEXPERIA-PMEG3020EPA Datasheet
274Kb / 14P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 December 2009
PMEG4020EPA NEXPERIA-PMEG4020EPA Datasheet
275Kb / 14P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01 - 16 December 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com