Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF2119X Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF2119X
Description  LCD controllers/drivers
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119X Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF2119X Datasheet HTML 1Page - NXP Semiconductors PCF2119X Datasheet HTML 2Page - NXP Semiconductors PCF2119X Datasheet HTML 3Page - NXP Semiconductors PCF2119X Datasheet HTML 4Page - NXP Semiconductors PCF2119X Datasheet HTML 5Page - NXP Semiconductors PCF2119X Datasheet HTML 6Page - NXP Semiconductors PCF2119X Datasheet HTML 7Page - NXP Semiconductors PCF2119X Datasheet HTML 8Page - NXP Semiconductors PCF2119X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
5 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
7.2 Pin description
Table 3.
Pin description
Symbol
Pin
Description
VDD1
1 to 6
supply voltage 1 (logic)
VDD2
7 to 14
[1] supply voltage 2 (for high voltage generator)
VDD3
15 to 18
[1] supply voltage 3 (for high voltage generator)
E19
[2] data bus clock input
set HIGH to signal the start of a read or write operation
data is clocked in or out of the chip on the negative edge
of the clock
T1 and T2
20 and 21
test pins
must be connected to VSS1
VSS1
22 to 29
[3] ground supply voltage 1
for all circuits, except of high voltage generator
VSS2
30 to 35
[3] ground supply voltage 2
for high voltage generator
VLCDSENSE
36
input for voltage multiplier regulation circuitry and for the bias
level generation
if VLCD is generated internally then this pin must be
connected to VLCDOUT and VLCDIN
if VLCD is generated externally then this pin must be
connected to VLCDIN only
VLCDOUT
37 to 43
VLCD output
if VLCD is generated internally then this pin must be
connected to VLCDIN and to VLCDSENSE
if VLCD is generated externally then this pin must be left
open-circuit
VLCDIN
44 to 49
input for LCD bias level generator
dummy
50
[4] -
R8 to R1,
R17,
R17DUP,
R18,
R9 to R16
51 to 58,
59,
100
141,
142 to 149
LCD row driver output
R17 has two pins: R17 and R17DUP
R17 and R18 drive the icons
C80 to C41,
C40 to C1
60 to 99,
101 to 140
LCD column driver output
dummy
150
[4] -
SCL
151 and 152
[5] I2C-bus serial clock input
T3
153
test pin
open-circuit
not user accessible
POR
154
external Power-On Reset (POR) input
PD
155
power-down mode select
for normal operation pin PD must be LOW
SDA
156 and 157
[5] I2C-bus serial data input/output


Similar Part No. - PCF2119X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
   LCD controllers/drivers
2003 Jan 30
PCF2119X NXP-PCF2119X Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
PCF2119X NXP-PCF2119X Datasheet
1Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2119X-2 PHILIPS-PCF2119X-2 Datasheet
261Kb / 60P
   LCD controllers/drivers
28. August 2000
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
More results

Similar Description - PCF2119X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
   LCD controllers/drivers
2001 Dec 19
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
   LCD controllers/drivers
2003 Jan 30
PCF2119X-2 PHILIPS-PCF2119X-2 Datasheet
261Kb / 60P
   LCD controllers/drivers
28. August 2000
PCF2103 PHILIPS-PCF2103 Datasheet
300Kb / 56P
   LCD controllers/drivers
1998 May 11
PCF2113X NXP-PCF2113X Datasheet
404Kb / 65P
   LCD controllers/drivers
Rev. 04-4 March 2008
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
logo
National Semiconductor ...
DS8887 NSC-DS8887 Datasheet
232Kb / 4P
   DISPLAY CONTROLLERS / DRIVERS
logo
NXP Semiconductors
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
   LCD drivers
1997 Mar 28
PCF21XXC NXP-PCF21XXC Datasheet
258Kb / 25P
   LCD drivers
Rev. 3 - 6 May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com