Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9306DC1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9306DC1
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306DC1 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9306DC1 Datasheet HTML 1Page - NXP Semiconductors PCA9306DC1 Datasheet HTML 2Page - NXP Semiconductors PCA9306DC1 Datasheet HTML 3Page - NXP Semiconductors PCA9306DC1 Datasheet HTML 4Page - NXP Semiconductors PCA9306DC1 Datasheet HTML 5Page - NXP Semiconductors PCA9306DC1 Datasheet HTML 6Page - NXP Semiconductors PCA9306DC1 Datasheet HTML 7Page - NXP Semiconductors PCA9306DC1 Datasheet HTML 8Page - NXP Semiconductors PCA9306DC1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PCA9306_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 26 October 2009
2 of 23
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
2.
Features
I 2-bit bidirectional translator for SDA and SCL lines in mixed-mode I2C-bus applications
I Standard-mode, Fast-mode, and Fast-mode Plus I2C-bus and SMBus compatible
I Less than 1.5 ns maximum propagation delay to accommodate Standard-mode and
Fast-mode I2C-bus devices and multiple masters
I Allows voltage level translation between:
N 1.0 V Vref(1) and 1.8 V, 2.5 V, 3.3 V or 5 V Vbias(ref)(2)
N 1.2 V Vref(1) and 1.8 V, 2.5 V, 3.3 V or 5 V Vbias(ref)(2)
N 1.8 V Vref(1) and 3.3 V or 5 V Vbias(ref)(2)
N 2.5 V Vref(1) and 5 V Vbias(ref)(2)
N 3.3 V Vref(1) and 5 V Vbias(ref)(2)
I Provides bidirectional voltage translation with no direction pin
I Low 3.5 Ω ON-state connection between input and output ports provides less signal
distortion
I Open-drain I2C-bus I/O ports (SCL1, SDA1, SCL2 and SDA2)
I 5 V tolerant I2C-bus I/O ports to support mixed-mode signal operation
I High-impedance SCL1, SDA1, SCL2 and SDA2 pins for EN = LOW
I Lock-up free operation
I Flow through pinout for ease of printed-circuit board trace routing
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Packages offered: SO8, TSSOP8, VSSOP8, XQFN8


Similar Part No. - PCA9306DC1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9306DC1 PHILIPS-PCA9306DC1 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306DC1 NXP-PCA9306DC1 Datasheet
232Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 05-19 March 2010
PCA9306DC1 NXP-PCA9306DC1 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306DC1 NXP-PCA9306DC1 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306DC1 NXP-PCA9306DC1 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
More results

Similar Description - PCA9306DC1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com