Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89CV51RD2FBC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P89CV51RD2FBC
Description  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RD2FBC Datasheet(HTML) 3 Page - NXP Semiconductors

  P89CV51RD2FBC Datasheet HTML 1Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 2Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 3Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 4Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 5Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 6Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 7Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 8Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
P89CV51RB2_RC2_RD2_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 25 August 2009
3 of 76
NXP Semiconductors
P89CV51RB2/RC2/RD2
80C51 with 1 kB RAM, SPI
4.
Block diagram
Fig 1.
Block diagram
HIGH PERFORMANCE
80C51 CPU
16 kB/32 kB/64 kB
CODE FLASH
1 kB
DATA RAM
PORT 1
PORT 0
OSCILLATOR
internal
bus
CRYSTAL
OR
RESONATOR
002aac960
UART
PCA
PROGRAMMABLE
COUNTER ARRAY
PORT 2
TIMER 2
TIMER 0
TIMER 1
SPI
XTAL1
XTAL2
WATCHDOG TIMER
PORT 3
P3[7:0]
P2[7:0]
P1[7:0]
P0[7:0]
TXD
RXD
T0
SPICLK
MOSI
MISO
SS
T1
T2
T2EX
CEX[4:0]
P89CV51RB2/RC2/RD2


Similar Part No. - P89CV51RD2FBC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89CV51RD2FBC NXP-P89CV51RD2FBC Datasheet
326Kb / 73P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 01-5 October 2007
More results

Similar Description - P89CV51RD2FBC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89CV51RB2 NXP-P89CV51RB2 Datasheet
326Kb / 73P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 01-5 October 2007
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com