Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBHV9050T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PBHV9050T
Description  500 V, 150 mA PNP high-voltage low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBHV9050T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PBHV9050T Datasheet HTML 4Page - NXP Semiconductors PBHV9050T Datasheet HTML 5Page - NXP Semiconductors PBHV9050T Datasheet HTML 6Page - NXP Semiconductors PBHV9050T Datasheet HTML 7Page - NXP Semiconductors PBHV9050T Datasheet HTML 8Page - NXP Semiconductors PBHV9050T Datasheet HTML 9Page - NXP Semiconductors PBHV9050T Datasheet HTML 10Page - NXP Semiconductors PBHV9050T Datasheet HTML 11Page - NXP Semiconductors PBHV9050T Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PBHV9050T_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 16 September 2009
8 of 12
NXP Semiconductors
PBHV9050T
500 V, 150 mA PNP high-voltage low VCEsat (BISS) transistor
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 11. Test circuit for switching times
RC
R2
R1
DUT
mgd624
Vo
RB
(probe)
450
(probe)
450
oscilloscope
oscilloscope
VBB
VI
VCC
Fig 12. Package outline SOT23 (TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PBHV9050T
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235


Similar Part No. - PBHV9050T

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBHV9050T NEXPERIA-PBHV9050T Datasheet
243Kb / 11P
   500 V, 150 mA PNP high-voltage low VCEsat transistor
9 August 2022
PBHV9050T-Q NEXPERIA-PBHV9050T-Q Datasheet
242Kb / 11P
   500 V, 150 mA PNP high-voltage low VCEsat transistor
9 August 2022
More results

Similar Description - PBHV9050T

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBHV9515QA NEXPERIA-PBHV9515QA Datasheet
731Kb / 17P
   150 V, 500 mA PNP high-voltage low VCEsat (BISS) transistor
PMBTA45 NEXPERIA-PMBTA45 Datasheet
265Kb / 14P
   500 V, 150 mA NPN high-voltage low VCEsat (BISS) transistor
Rev. 02 - 10 March 2010
PBHV8515QA NEXPERIA-PBHV8515QA Datasheet
731Kb / 17P
   150 V, 500 mA NPN high-voltage low VCEsat (BISS) transistor
PBHV8550X NEXPERIA-PBHV8550X Datasheet
243Kb / 11P
   500 V, 150 mA NPN high-voltage low VCEsat (BISS) transistor
8 June 2020
logo
NXP Semiconductors
PMBTA45 PHILIPS-PMBTA45_15 Datasheet
152Kb / 13P
   500 V, 150 mA NPN high-voltage low VCEsat (BISS) transistor
Rev. 02-10 March 2010
logo
Nexperia B.V. All right...
PBHV9050T-Q NEXPERIA-PBHV9050T-Q Datasheet
242Kb / 11P
   500 V, 150 mA PNP high-voltage low VCEsat transistor
9 August 2022
PBHV9050T NEXPERIA-PBHV9050T Datasheet
243Kb / 11P
   500 V, 150 mA PNP high-voltage low VCEsat transistor
9 August 2022
PBHV9050Z NEXPERIA-PBHV9050Z Datasheet
459Kb / 14P
   500 V, 250 mA PNP high-voltage low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBHV9050Z.115 NXP-PBHV9050Z.115 Datasheet
359Kb / 13P
   500 V, 250 mA PNP high-voltage low VCEsat (BISS) transistor
Rev. 1-19 August 2010
PBSS3540E NXP-PBSS3540E Datasheet
173Kb / 11P
   40 V, 500 mA PNP low VCEsat (BISS) transistor
Rev. 02-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com