Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFRC52201HN1/TRAYB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MFRC52201HN1/TRAYB
Description  Contactless reader IC
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC52201HN1/TRAYB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MFRC52201HN1/TRAYB Datasheet HTML 3Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 4Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 5Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 6Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 7Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 8Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 9Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 10Page - NXP Semiconductors MFRC52201HN1/TRAYB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
7 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.
Functional description
The MFRC522 transmission module supports the Read/Write mode for
ISO/IEC 14443 A/MIFARE using various transfer speeds and modulation protocols.
The physical level communication is shown in Figure 5.
The physical parameters are described in Table 4.
The MFRC522’s contactless UART and dedicated external host must manage the
complete ISO/IEC 14443 A/MIFARE protocol. Figure 6 shows the data coding and
framing according to ISO/IEC 14443 A/MIFARE.
Fig 4.
MFRC522 Read/Write mode
(1) Reader to card 100 % ASK, Miller encoded, transfer speed 106 kBd to 848 kBd.
(2) Card to reader subcarrier load modulation, Manchester encoded or BPSK, transfer speed 106 kBd
to 848 kBd.
Fig 5.
ISO/IEC 14443 A/MIFARE Read/Write mode communication diagram
001aak583
BATTERY
reader/writer
contactless card
MICROCONTROLLER
MFRC522
ISO/IEC 14443 A CARD
(1)
(2)
001aak584
MFRC522
ISO/IEC 14443 A CARD
ISO/IEC 14443 A
READER
Table 4.
Communication overview for ISO/IEC 14443 A/MIFARE reader/writer
Communication
direction
Signal type
Transfer speed
106 kBd
212 kBd
424 kBd
848 kBd
Reader to card (send
data from the
MFRC522 to a card)
reader side
modulation
100 % ASK
100 % ASK
100 % ASK
100 % ASK
bit encoding
modified Miller
encoding
modified Miller
encoding
modified Miller
encoding
modified Miller
encoding
bit length
128 (13.56
µs)
64 (13.56
µs)
32 (13.56
µs)
16 (13.56
µs)
Card to reader
(MFRC522 receives
data from a card)
card side
modulation
subcarrier load
modulation
subcarrier load
modulation
subcarrier load
modulation
subcarrier load
modulation
subcarrier
frequency
13.56 MHz/16
13.56 MHz/16
13.56 MHz/16
13.56 MHz/16
bit encoding
Manchester
encoding
BPSK
BPSK
BPSK


Similar Part No. - MFRC52201HN1/TRAYB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC52201HN1/TRAYB NXP-MFRC52201HN1/TRAYB Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
MFRC52201HN1/TRAYBM NXP-MFRC52201HN1/TRAYBM Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
More results

Similar Description - MFRC52201HN1/TRAYB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
   Contactless reader IC
Rev. 3.3-3 April 2012
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com