Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFRC522 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MFRC522_09 Datasheet HTML 6Page - NXP Semiconductors MFRC522_09 Datasheet HTML 7Page - NXP Semiconductors MFRC522_09 Datasheet HTML 8Page - NXP Semiconductors MFRC522_09 Datasheet HTML 9Page - NXP Semiconductors MFRC522_09 Datasheet HTML 10Page - NXP Semiconductors MFRC522_09 Datasheet HTML 11Page - NXP Semiconductors MFRC522_09 Datasheet HTML 12Page - NXP Semiconductors MFRC522_09 Datasheet HTML 13Page - NXP Semiconductors MFRC522_09 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
10 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.1.2.2
SPI write data
To write data to the MFRC522 using SPI requires the byte order shown in Table 7. It is
possible to write up to n data bytes by only sending one address byte.
The first send byte defines both the mode and the address byte.
[1]
X = Do not care.
Remark: The MSB must be sent first.
8.1.2.3
SPI address byte
The address byte must meet the following format.
The MSB of the first byte defines the mode used. To read data from the MFRC522 the
MSB is set to logic 1. To write data to the MFRC522 the MSB must be set to logic 0. Bits 6
to 1 define the address and the LSB is set to logic 0.
8.1.3 UART interface
8.1.3.1
Connection to a host
Remark: Signals DTRQ and MX can be disabled by clearing TestPinEnReg register’s
RS232LineEn bit.
Table 7.
MOSI and MISO byte order
Line
Byte 0
Byte 1
Byte 2
To
Byte n
Byte n + 1
MOSI
address 0
data 0
data 1
...
data n
− 1
data n
MISO
X[1]
X[1]
X[1]
...
X[1]
X[1]
Table 8.
Address byte 0 register; address MOSI
7 (MSB)
6
5
4
3
2
1
0 (LSB)
1 = read
0 = write
address
0
Fig 8.
UART connection to microcontrollers
001aak587
MFRC522
RX
RX
TX
TX
DTRQ
DTRQ
MX
MX


Similar Part No. - MFRC522_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC52201HN1/TRAYB NXP-MFRC52201HN1/TRAYB Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
MFRC52201HN1/TRAYBM NXP-MFRC52201HN1/TRAYBM Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
More results

Similar Description - MFRC522_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
   Contactless reader IC
Rev. 3.3-3 April 2012
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com