![]() |
Electronic Components Datasheet Search |
|
MFRC522 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
MFRC522 Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 96 page ![]() MFRC522_33 © NXP B.V. 2009. All rights reserved. Product data sheet PUBLIC Rev. 3 — 26 October 2009 112133 9 of 96 NXP Semiconductors MFRC522 Contactless reader IC 8.1.2 Serial Peripheral Interface A serial peripheral interface (SPI compatible) is supported to enable high-speed communication to the host. The interface can handle data speeds up to 10 Mbit/s. When communicating with a host, the MFRC522 acts as a slave, receiving data from the external host for register settings, sending and receiving data relevant for RF interface communication. An interface compatible with SPI enables high-speed serial communication between the MFRC522 and a microcontroller. The implemented interface is in accordance with the SPI standard. The timing specification is given in Section 14.1 on page 75. The MFRC522 acts as a slave during SPI communication. The SPI clock signal SCK must be generated by the master. Data communication from the master to the slave uses the MOSI line. The MISO line is used to send data from the MFRC522 to the master. Data bytes on both MOSI and MISO lines are sent with the MSB first. Data on both MOSI and MISO lines must be stable on the rising edge of the clock and can be changed on the falling edge. Data is provided by the MFRC522 on the falling clock edge and is stable during the rising clock edge. 8.1.2.1 SPI read data Reading data using SPI requires the byte order shown in Table 6 to be used. It is possible to read out up to n-data bytes. The first byte sent defines both the mode and the address. [1] X = Do not care. Remark: The MSB must be sent first. Fig 7. SPI connection to host 001aak586 MFRC522 SCK SCK MOSI MOSI MISO MISO NSS NSS Table 6. MOSI and MISO byte order Line Byte 0 Byte 1 Byte 2 To Byte n Byte n + 1 MOSI address 0 address 1 address 2 ... address n 00 MISO X[1] data 0 data 1 ... data n − 1 data n |
Similar Part No. - MFRC522_09 |
|
Similar Description - MFRC522_09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |