Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFRC522 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MFRC522_09 Datasheet HTML 67Page - NXP Semiconductors MFRC522_09 Datasheet HTML 68Page - NXP Semiconductors MFRC522_09 Datasheet HTML 69Page - NXP Semiconductors MFRC522_09 Datasheet HTML 70Page - NXP Semiconductors MFRC522_09 Datasheet HTML 71Page - NXP Semiconductors MFRC522_09 Datasheet HTML 72Page - NXP Semiconductors MFRC522_09 Datasheet HTML 73Page - NXP Semiconductors MFRC522_09 Datasheet HTML 74Page - NXP Semiconductors MFRC522_09 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
71 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
11. Limiting values
12. Recommended operating conditions
[1]
Supply voltages below 3 V reduce the performance (the achievable operating distance).
[2]
VDDA, VDDD and VDD(TVDD) must always be the same voltage.
[3]
VDD(PVDD) must always be the same or lower voltage than VDDD.
13. Thermal characteristics
Table 150. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA
analog supply voltage
−0.5
+4.0
V
VDDD
digital supply voltage
−0.5
+4.0
V
VDD(PVDD) PVDD supply voltage
−0.5
+4.0
V
VDD(TVDD) TVDD supply voltage
−0.5
+4.0
V
VDD(SVDD) SVDD supply voltage
−0.5
+4.0
V
VI
input voltage
all input pins except pins MFIN and
RX
VSS(PVSS) − 0.5 VDD(PVDD) + 0.5 V
pin MFIN
VSS(PVSS) − 0.5 VDD(SVDD) + 0.5 V
Ptot
total power dissipation
per package; and VDDD in shortcut
mode
-
200
mW
Tj
junction temperature
-
100
°C
VESD
electrostatic discharge voltage HBM; 1500
Ω, 100 pF;
JESD22-A114-B
-
2000
V
MM; 0.75
µH, 200 pF;
JESD22-A114-A
-
200
V
Table 151. Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
analog supply voltage
VDD(PVDD) ≤ VDDA = VDDD = VDD(TVDD);
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) =0V
[1][2] 2.5
3.3
3.6
V
VDDD
digital supply voltage
VDD(PVDD) ≤ VDDA = VDDD = VDD(TVDD);
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) =0V
[1][2] 2.5
3.3
3.6
V
VDD(TVDD)
TVDD supply voltage
VDD(PVDD) ≤ VDDA = VDDD = VDD(TVDD);
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) =0V
[1][2] 2.5
3.3
3.6
V
VDD(PVDD)
PVDD supply voltage
VDD(PVDD) ≤ VDDA = VDDD = VDD(TVDD);
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) =0V
[3] 1.6
1.8
3.6
V
VDD(SVDD)
SVDD supply voltage
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) = 0 V
1.6
-
3.6
V
Tamb
ambient temperature
HVQFN32
−25
-
+85
°C
Table 152. Thermal characteristics
Symbol Parameter
Conditions
Package
Typ
Unit
Rth(j-a)
thermal resistance from junction to
ambient
in still air with exposed pin soldered on a
4 layer JEDEC PCB
HVQFN32
40
K/W


Similar Part No. - MFRC522_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC52201HN1/TRAYB NXP-MFRC52201HN1/TRAYB Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
MFRC52201HN1/TRAYBM NXP-MFRC52201HN1/TRAYBM Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
More results

Similar Description - MFRC522_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
   Contactless reader IC
Rev. 3.3-3 April 2012
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com