Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MFRC522 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. MFRC522
Description  Contactless reader IC
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MFRC522_09 Datasheet HTML 2Page - NXP Semiconductors MFRC522_09 Datasheet HTML 3Page - NXP Semiconductors MFRC522_09 Datasheet HTML 4Page - NXP Semiconductors MFRC522_09 Datasheet HTML 5Page - NXP Semiconductors MFRC522_09 Datasheet HTML 6Page - NXP Semiconductors MFRC522_09 Datasheet HTML 7Page - NXP Semiconductors MFRC522_09 Datasheet HTML 8Page - NXP Semiconductors MFRC522_09 Datasheet HTML 9Page - NXP Semiconductors MFRC522_09 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
6 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
[1]
Pin types: I = Input, O = Output, I/O = Input/Output, P = Power and G = Ground.
[2]
The pin functionality of these pins is explained in Section 8.1 “Digital interfaces”.
[3]
Connection of heatsink pad on package bottom side is not necessary. Optional connection to pin DVSS is possible.
16
VMID
P
internal reference voltage
17
RX
I
RF signal input
18
AVSS
G
analog ground
19
AUX1
O
auxiliary outputs for test purposes
20
AUX2
O
auxiliary outputs for test purposes
21
OSCIN
I
crystal oscillator inverting amplifier input; also the input for an externally generated clock
(fclk = 27.12 MHz)
22
OSCOUT
O
crystal oscillator inverting amplifier output
23
IRQ
O
interrupt request output: indicates an interrupt event
24
SDA
I/O
I2C-bus serial data line input/output[2]
NSS
I
SPI signal input[2]
RX
I
UART address input[2]
25
D1
I/O
test port[2]
ADR_5
I/O
I2C-bus address 5 input[2]
26
D2
I/O
test port
ADR_4
I
I2C-bus address 4 input[2]
27
D3
I/O
test port
ADR_3
I
I2C-bus address 3 input[2]
28
D4
I/O
test port
ADR_2
I
I2C-bus address 2 input[2]
29
D5
I/O
test port
ADR_1
I
I2C-bus address 1 input[2]
SCK
I
SPI serial clock input[2]
DTRQ
O
UART request to send output to microcontroller[2]
30
D6
I/O
test port
ADR_0
I
I2C-bus address 0 input[2]
MOSI
I/O
SPI master out, slave in[2]
MX
O
UART output to microcontroller[2]
31
D7
I/O
test port
SCL
I/O
I2C-bus clock input/output[2]
MISO
I/O
SPI master in, slave out[2]
TX
O
UART data output to microcontroller[2]
32
EA
I
external address input for coding I2C-bus address[2]
Table 3.
Pin description …continued
Pin
Symbol
Type[1] Description


Similar Part No. - MFRC522_09

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
MFRC52201HN1/TRAYB NXP-MFRC52201HN1/TRAYB Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
MFRC52201HN1/TRAYBM NXP-MFRC52201HN1/TRAYBM Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
More results

Similar Description - MFRC522_09

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
   Contactless reader IC
Rev. 3.3-3 April 2012
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
STMicroelectronics
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
NXP Semiconductors
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz