Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MFRC522 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. MFRC522
Description  Contactless reader IC
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 2 Page - NXP Semiconductors

  MFRC522_09 Datasheet HTML 1Page - NXP Semiconductors MFRC522_09 Datasheet HTML 2Page - NXP Semiconductors MFRC522_09 Datasheet HTML 3Page - NXP Semiconductors MFRC522_09 Datasheet HTML 4Page - NXP Semiconductors MFRC522_09 Datasheet HTML 5Page - NXP Semiconductors MFRC522_09 Datasheet HTML 6Page - NXP Semiconductors MFRC522_09 Datasheet HTML 7Page - NXP Semiconductors MFRC522_09 Datasheet HTML 8Page - NXP Semiconductors MFRC522_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
2 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
N SPI up to 10 Mbit/s
N I2C-bus interface up to 400 kBd in Fast mode, up to 3400 kBd in High-speed mode
N RS232 Serial UART up to 1228.8 kBd, with voltage levels dependant on pin voltage
supply
I FIFO buffer handles 64 byte send and receive
I Flexible interrupt modes
I Hard reset with low power function
I Power-down by software mode
I Programmable timer
I Internal oscillator for connection to 27.12 MHz quartz crystal
I 2.5 V to 3.3 V power supply
I CRC coprocessor
I Programmable I/O pins
I Internal self-test
4.
Quick reference data
[1]
Supply voltages below 3 V reduce the performance in, for example, the achievable operating distance.
[2]
VDDA, VDDD and VDD(TVDD) must always be the same voltage.
[3]
VDD(PVDD) must always be the same or lower voltage than VDDD.
[4]
Ipd is the total current for all supplies.
[5]
IDD(PVDD) depends on the overall load at the digital pins.
[6]
IDD(TVDD) depends on VDD(TVDD) and the external circuit connected to pins TX1 and TX2.
[7]
During typical circuit operation, the overall current is below 100 mA.
[8]
Typical value using a complementary driver configuration and an antenna matched to 40
Ω between pins TX1 and TX2 at 13.56 MHz.
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
analog supply voltage
VDD(PVDD) ≤ VDDA = VDDD = VDD(TVDD);
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) =0V
[1][2] 2.5
3.3
3.6
V
VDDD
digital supply voltage
2.5
3.3
3.6
V
VDD(TVDD) TVDD supply voltage
2.5
3.3
3.6
V
VDD(PVDD) PVDD supply voltage
[3] 1.6
1.8
3.6
V
VDD(SVDD) SVDD supply voltage
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) = 0 V
1.6
-
3.6
V
Ipd
power-down current
VDDA =VDDD = VDD(TVDD) =VDD(PVDD) =3V
hard power-down; pin NRSTPD set LOW
[4] --5
µA
soft power-down; RF level detector on
[4] --10
µA
IDDD
digital supply current
pin DVDD; VDDD = 3 V
-
6.5
9
mA
IDDA
analog supply current
pin AVDD; VDDA = 3 V, CommandReg register’s
RcvOff bit = 0
-
7
10
mA
pin AVDD; receiver switched off; VDDA =3V,
CommandReg register’s RcvOff bit = 1
-3
5
mA
IDD(PVDD)
PVDD supply current
pin PVDD
[5] -
-
40
mA
IDD(TVDD)
TVDD supply current
pin TVDD; continuous wave
[6][7][8] -
60
100
mA
Tamb
ambient temperature
HVQFN32
−25
-
+85
°C


Similar Part No. - MFRC522_09

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
MFRC52201HN1/TRAYB NXP-MFRC52201HN1/TRAYB Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
MFRC52201HN1/TRAYBM NXP-MFRC52201HN1/TRAYBM Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
More results

Similar Description - MFRC522_09

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
   Contactless reader IC
Rev. 3.3-3 April 2012
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
STMicroelectronics
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
NXP Semiconductors
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz