Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2420 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC2420
Description  Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2420 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC2420 Datasheet HTML 1Page - NXP Semiconductors LPC2420 Datasheet HTML 2Page - NXP Semiconductors LPC2420 Datasheet HTML 3Page - NXP Semiconductors LPC2420 Datasheet HTML 4Page - NXP Semiconductors LPC2420 Datasheet HTML 5Page - NXP Semiconductors LPC2420 Datasheet HTML 6Page - NXP Semiconductors LPC2420 Datasheet HTML 7Page - NXP Semiconductors LPC2420 Datasheet HTML 8Page - NXP Semiconductors LPC2420 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
LPC2420_60_4
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 04 — 15 October 2009
4 of 78
NXP Semiconductors
LPC2420/2460
Flashless 16-bit/32-bit microcontroller
4.1 Ordering options
Table 2.
Ordering options
Type number
Flash
(kB)
SRAM (kB)
External
bus
Ethernet
USB
OTG/
OHCI/
device
+4kB
FIFO
SD/
MMC
GP
DMA
Temp
range
LPC2420FBD208
N/A
64 -
16 2
82 Full 32-bit
-
yes
-
yes
yes
8
1
−40 °C to
+85
°C
LPC2420FET208
N/A
64 16 16 2
98 Full 32-bit
MII/RMII
yes
2
yes
yes
8
1
−40 °C to
+85
°C
LPC2460FBD208
N/A
64 16 16 2
98 Full 32-bit
MII/RMII
yes
2
yes
yes
8
1
−40 °C to
+85
°C
LPC2460FET208
N/A
64 16 16 2
98 Full 32-bit
MII/RMII
yes
2
yes
yes
8
1
−40 °C to
+85
°C


Similar Part No. - LPC2420

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2420 NXP-LPC2420 Datasheet
370Kb / 73P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 03-20 November 2008
LPC2420 NXP-LPC2420 Datasheet
1Mb / 79P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 05-24 February 2010
LPC2420 NXP-LPC2420 Datasheet
505Kb / 86P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-22 September2011
LPC2420 NXP-LPC2420 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC2420 NXP-LPC2420 Datasheet
2Mb / 87P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.3-15 October 2020
More results

Similar Description - LPC2420

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2420 NXP-LPC2420 Datasheet
370Kb / 73P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 03-20 November 2008
LPC2420 NXP-LPC2420_10 Datasheet
1Mb / 79P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 05-24 February 2010
LPC2420 NXP-LPC2420_11 Datasheet
505Kb / 86P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-22 September2011
LPC2420 NXP-LPC2420_V01 Datasheet
2Mb / 87P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.3-15 October 2020
LPC2460 PHILIPS-LPC2460_08 Datasheet
363Kb / 68P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 02-1 February 2008
LPC2460 PHILIPS-LPC2460 Datasheet
1Mb / 67P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2470_1109 NXP-LPC2470_1109 Datasheet
800Kb / 91P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 4-8 September 2011
LPC2470 NXP-LPC2470 Datasheet
2Mb / 83P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 02-15 October 2009
LPC2470 PHILIPS-LPC2470 Datasheet
1Mb / 72P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2470 NXP-LPC2470_11 Datasheet
696Kb / 89P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG
Rev. 3-14 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com