Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM567D Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM567D
Description  TONE DECODER / PHASE LOCKED LOOP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM567D Datasheet(HTML) 2 Page - New Japan Radio

  NJM567D Datasheet HTML 1Page - New Japan Radio NJM567D Datasheet HTML 2Page - New Japan Radio NJM567D Datasheet HTML 3Page - New Japan Radio NJM567D Datasheet HTML 4Page - New Japan Radio NJM567D Datasheet HTML 5Page - New Japan Radio NJM567D Datasheet HTML 6Page - New Japan Radio NJM567D Datasheet HTML 7Page - New Japan Radio NJM567D Datasheet HTML 8Page - New Japan Radio NJM567D Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NJM567
- 2 -
Ver.2003-12-09
■ ABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
10
V
Input Positive Voltage
VIP
V
++0.5
V
Input Negative Voltage
VIN
-10
Vdc
Output Voltage
V8
15 (Pin8)
Vdc
Power Dissipation
PD
(DIP8)
500
mW
(DMP8)
300
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
■ ELECTRICAL CHARACTERISTICS
(Ta=25°C, V
+=5.0V)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Highest Center Frequency
fOH
100
500
-
kHz
Center Frequency Stability
∆fO / ∆T
-20 to +75°C
-
35±60
-
PPM / °C
Center Frequency Shift with Supply Voltage
∆fO / ∆VfO=100kHz
-
0.7
2
% / V
Largest Detection Bandwidth
BWM
fO=100kHz
10
14
18
%×fO
Largest Detection Bandwidth Skew
BWS
-
2
3
%×fO
Largest Detection Bandwidth Variation with Temperature
∆BW / ∆T Vi=300mVrms
-
±0.1
-
% / °C
Largest Detection Bandwidth Variation with Supply Voltage
∆BW / ∆V Vi=300mVrms
-
±2
-
% / V
Input Resistance
RIN
-
20
-
kΩ
Smallest Detectable Input Voltage
IL=100mA, fi=fO
-
20
25
mVrms
Largest No-Output Input Voltage
IL=100mA, fi=fO
10
15
-
mVrms
Greatest Simultaneous Outband Signal to Inband Signal Ratio
-
+6
-
dB
Minimum Input Signal toWideband Noise Ratio
Bn=140kHz
-
-6
-
dB
Fastest ON-OFF Cycling Rate
-
fO / 20
-
"1" Output Leakage Current
-
0.01
25
µA
"0" Output Voltage
IL=30mA
-
0.2
0.4
V
IL=100mA
-
0.6
1.0
V
Output Fall Time
RL=50Ω
-
30
-
ns
Output Rise Time
RL=50Ω
-
150
-
ns
Operating Voltage
V
+
opr
4.75
-
9.0
V
Operating Current Quiescent
ICC
-
7
10
mA
Operating Current -Activated
ICC
RL=20kΩ
-
12
15
mA
Quiescent Power Dissipation
PD
-
35
-
mW


Similar Part No. - NJM567D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Nisshinbo Micro Devices...
NJM5532C NISSHINBO-NJM5532C Datasheet
1Mb / 18P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
September 5, 2022 Ver.1.0
NJM5532CG NISSHINBO-NJM5532CG Datasheet
1Mb / 18P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
September 5, 2022 Ver.1.0
logo
New Japan Radio
NJM5532D NJRC-NJM5532D Datasheet
239Kb / 6P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
NJM5532L NJRC-NJM5532L Datasheet
239Kb / 6P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - NJM567D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE567 PHILIPS-NE567 Datasheet
165Kb / 13P
   Tone decoder/phase-locked loop
April 15, 1992
logo
List of Unclassifed Man...
ULN-3809A ETC1-ULN-3809A Datasheet
299Kb / 3P
   PHASE - LOCKED LOOP STEREO DECODER
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com