Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1655SCC Datasheet(PDF) 5 Page - New Japan Radio

Part # NJG1655SCC
Description  X-SP3T SWITCH GaAs MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1655SCC Datasheet(HTML) 5 Page - New Japan Radio

  NJG1655SCC Datasheet HTML 1Page - New Japan Radio NJG1655SCC Datasheet HTML 2Page - New Japan Radio NJG1655SCC Datasheet HTML 3Page - New Japan Radio NJG1655SCC Datasheet HTML 4Page - New Japan Radio NJG1655SCC Datasheet HTML 5Page - New Japan Radio NJG1655SCC Datasheet HTML 6Page - New Japan Radio NJG1655SCC Datasheet HTML 7Page - New Japan Radio NJG1655SCC Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NJG1655SCC
-5-
! ELECTRICAL CHARACTERISTICS (With Application circuit, Loss of external circuit are excluded)
-2
-1.5
-1
-0.5
0
0.51.0
1.52.0
2.5
-45
oC
+25
oC
+90
oC
Frequency (GHz)
Insertion Loss vs. Frequency
( PCA-P1A ON, V
DD
=2.7V, V
CTL1
=1.8V, V
CTL2
=0V )
0
5
10
15
20
25
-50
0
50
100
V
DD
=1.5V
V
DD
=2.7V
V
DD
=3V
Ambient Temperature (
oC )
I
DD
vs. Ambient Temperature
( V
CTL1
=1.8V, V
CTL2
=0V )
0
5
10
15
20
25
-50
0
50
100
V
CTL1
=1.3V
V
CTL1
=1.8V
V
CTL1
=2.7V
Ambient Temperature (
oC )
I
CTL
vs. Ambient Temperature
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
Ambient Temperature (
oC )
Switching Time vs. Ambient Temperature
( V
DD
=2.7V )
-10
-5
0
5
10
0.5
1.0
1.5
2.0
2.5
-45
oC
+25
oC
+90
oC
Frequency (GHz)
PCA-P1A, PCB-P1B Phase Error vs. Frequency
( V
DD
=2.7V, V
CTL1
=1.8V, V
CTL2
=0V )


Similar Part No. - NJG1655SCC

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1655ME7 NJRC-NJG1655ME7 Datasheet
308Kb / 9P
   X-SP3T SWITCH GaAs MMIC
More results

Similar Description - NJG1655SCC

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1655ME7 NJRC-NJG1655ME7 Datasheet
308Kb / 9P
   X-SP3T SWITCH GaAs MMIC
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
   GaAs SP3T Switch
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
   GaAs SP3T Switch
MASW-010612 MA-COM-MASW-010612 Datasheet
130Kb / 4P
   GaAs SP3T Switch
logo
New Japan Radio
NJG1662MD7 NJRC-NJG1662MD7 Datasheet
214Kb / 8P
   X-SPDT SWITCH GaAs MMIC
logo
Hittite Microwave Corpo...
HMC245AQS16 HITTITE-HMC245AQS16 Datasheet
685Kb / 8P
   GaAs MMIC SP3T Non-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
New Japan Radio
NJG1663K44 NJRC-NJG1663K44 Datasheet
349Kb / 12P
   X-SP4T SWITCH GaAs MMIC
logo
Hittite Microwave Corpo...
HMC245QS16 HITTITE-HMC245QS16 Datasheet
199Kb / 6P
   GaAs MMIC SP3T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
New Japan Radio
NJG1692NB2 NJRC-NJG1692NB2 Datasheet
130Kb / 10P
   X-SPDT SWITCH GaAs MMIC
logo
M/A-COM Technology Solu...
MASW-008902-000DIE MA-COM-MASW-008902-000DIE_15 Datasheet
308Kb / 5P
   Bumped GaAs SP3T Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com