Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR240 Datasheet(PDF) 2 Page - Weitron Technology

Part # SR240
Description  Axial Lead Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SR240 Datasheet(HTML) 2 Page - Weitron Technology

  SR240 Datasheet HTML 1Page - Weitron Technology SR240 Datasheet HTML 2Page - Weitron Technology SR240 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Rating
Characteristic
VRRM
VRMS
VDC
IAV
IFSM
TJ
TSTG
RθJA
35
20
14
20
30
21
30
40
28
50
50
35
50
2.0
50
-65 to +150
0.55
0.70
0.85
2.0
20
-55 to +125
60
42
60
80
56
80
100
70
100
V
V
V
Uuits
A
A
°C/W
Characteristic
Electrical Characteristic
Maximum DC Reverse Current
Rated DC Blocking Voltage, TA=25°C
TA=100°C
Maximum Instanatneous Forward Voltage
IF=2.0A
Typical Junction Capacitance
VF
IR
CP
V
mA
pF
170
Symbol
WEITRON
SR220 SR230 SR240 SR250 SR260 SR280 SR2100
SR220 SR230 SR240 SR250 SR260 SR280 SR2100
Uuits
Symbol
http://www.weitron.com.tw
2/3
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Typical thermal resistance1
Operating junction temperature range
storage temperature range
Notes 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5”(12.7mm) Lead Length.
°C
°C
Peak forward surge current 8.3mS single
half sine-wave superimposed on rated load
SR220 thru SR2100
31-Jan-07


Similar Part No. - SR240

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR240 DGNJDZ-SR240 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR240 WTE-SR240 Datasheet
49Kb / 3P
   2.0A SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SR240 PACELEADER-SR240 Datasheet
524Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SR240 SEMTECH_ELEC-SR240 Datasheet
315Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
SR240 FRONTIER-SR240 Datasheet
432Kb / 2P
   2A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR240

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SR520 WEITRON-SR520 Datasheet
697Kb / 3P
   Axial Lead Schottky Barrier Rectifiers
logo
SiPower Inc.
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
   Axial Lead Schottky Rectifiers
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
   Axial Lead Schottky Rectifiers
logo
SiPower Inc.
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
   Axial Lead Schottky Rectifiers
logo
Weitron Technology
1N5817 WEITRON-1N5817 Datasheet
346Kb / 3P
   Axial Lead Schottky Power Rectifiers
1N5820 WEITRON-1N5820 Datasheet
277Kb / 3P
   Axial Lead Schottky Power Rectifiers
logo
Shanghai Leiditech Elec...
SR520 LEIDITECH-SR520 Datasheet
779Kb / 2P
   Axial Series Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifiers
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
   5.0A Axial Leaded Schottky Barrier Rectifiers
31DQ05 SUNMATE-31DQ05 Datasheet
1Mb / 3P
   3.0A Axial Leaded Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com