Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZT159 Datasheet(PDF) 2 Page - Weitron Technology

Part # PZT159
Description  PNP Silicon Planar High Current Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

PZT159 Datasheet(HTML) 2 Page - Weitron Technology

  PZT159 Datasheet HTML 1Page - Weitron Technology PZT159 Datasheet HTML 2Page - Weitron Technology PZT159 Datasheet HTML 3Page - Weitron Technology PZT159 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEITRON
http://www.weitron.com.tw
ELECTRICAL CHARACTERISTICS (TA=25˚C Unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
VCE=-1V, IC=-10mA
VCE=-1V, IC=-2A
VCE=-1V, IC=-5A
VCE=-1V, IC=-10A
VCE=-1V, IC=-5A
Collector-Emitter Saturation Voltage
IC=-100mA, IB=-10mA
IC=-1A, IB=-100mA
IC=-2A, IB=-200mA
IC=-5A, IB=-500mA
Base-Emitter Saturation Voltage
IC=-5A, IB=-500mA
Base-Emitter On Voltage
Transition Frequency
VCE=-10V, IC=-100mA, f=50MHz
Output Capacitance
VCB=-10V, IE=0, f=1MHz
hFE1
hFE2
hFE3
hFE4
100
100
75
10
200
200
90
25
-
300
-
-
-
VCE(sat)
VBE(sat)
VBE(on)
-
-
-
-
-20
-85
-155
-370
-50
-140
-210
-460
mV
-
-1.08
-1.24
V
-
-0.935
-1.07
V
-
120
-
MHz
DYNAMIC CHARACTERISTICS
SWITCHING TIMES
fT
-
74
-
pF
Cob
-
82
-
ns
ton
-
350
-
to
2/4
Switching Times
Note 1.Pulse Test : Pulse width < 300µs, Duty cycle ≤ 20%.
VCC=-10V,IC=-2A, IB1=IB2=-200mA
PZT159
11-Jul-07


Similar Part No. - PZT159

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
PZT159 SECOS-PZT159 Datasheet
562Kb / 2P
   High Current Transistor
PZT159 SECOS-PZT159_15 Datasheet
562Kb / 2P
   PNP Silicon Planar
More results

Similar Description - PZT159

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
PZT951 WEITRON-PZT951 Datasheet
193Kb / 4P
   PNP Silicon Planar High Current Transistor
logo
E-Tech Electronics LTD
GL949 ETL-GL949 Datasheet
454Kb / 2P
   PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
logo
GTM CORPORATION
GL159 GTM-GL159 Datasheet
326Kb / 2P
   PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
GL949 GTM-GL949 Datasheet
452Kb / 2P
   PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
GL359 GTM-GL359 Datasheet
330Kb / 2P
   PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
logo
Guangdong Kexin Industr...
FZT949 KEXIN-FZT949 Datasheet
38Kb / 2P
   PNP Silicon Planar High Current (High Performance) Transistor
logo
Fairchild Semiconductor
ZTX955STZ FAIRCHILD-ZTX955STZ Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Diodes Incorporated
ZTX951 DIODES-ZTX951 Datasheet
75Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX968 DIODES-ZTX968 Datasheet
110Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX953 DIODES-ZTX953 Datasheet
75Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com