Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBT5088 Datasheet(PDF) 3 Page - Weitron Technology

Part No. MMBT5088
Description  Low Noise NPN Transistor Surface Mount
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEITRON [Weitron Technology]
Homepage  http://www.weitron.com.tw
Logo 

MMBT5088 Datasheet(HTML) 3 Page - Weitron Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WEITRON
http://www.weitron.com.tw
3/5
13-Jan-06
NOISE CHARACTERISTICS (V CE= 5.0 Vdc, T A= 25°C)
NOISE VOLTAGE
f, FREQUENCY (Hz)
Fig 2. Effects of Frequency
I C, COLLECTOR CURRENT (mA)
Fig 3. Effects of Collector Current
f, FREQUENCY (Hz)
Fig 4. Noise Current
R S, SOURCE RESISTANCE (OHMS)
Fig 5. Wideband Noise Figure
100 Hz NOISE DATA
R S, SOURCE RESISTANCE (OHMS)
Fig 6. Total Noise Voltage
R S, SOURCE RESISTANCE (OHMS)
Fig 7. Noise Figure
BANDWIDTH=1.0Hz
I C = 10 mA
300µA
R S~ 0
3.0mA
1.0mA
~
R S~ 0
~
f = 10Hz
100Hz
10kHz
1.0kHz
100kHz
I C=10mA
3.0mA
1.0mA
300µA
100µA
10µA
BANDWIDTH=1.0Hz
BANDWIDTH=10 Hz to15.7 kHz
I C =1.0 mA
500µA
100µA
10µA
I C =10mA
I C = 10mA
3.0mA
1.0mA
300µA
100µA
30µA
10µA
300µA
100µA
30µA
3.0mA
1.0mA
10µA
BANDWIDTH=1.0Hz
30µA
R S~ 0
~
BANDWIDTH=1.0Hz
BANDWIDTH=1.0Hz
30
20
10
7.0
5.0
3.0
10 20
50 100
200 5001.0k
2.0k 5.0k 10k
20k 50k100k
30
20
10
7.0
5.0
3.0
0.01 0.02
0.05 0.1
0.2
0.5
1.0
2.0
5.0
10
20
16
12
8.0
4.0
0
10 20
50 100 200
500 1k
2k
5k 10k 20k
50k 100k
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
10 20
50 100
200 5001.0k
2.0k 5.0k 10k
20k 50k100k
10 20
50 100
200 5001.0k
2.0k 5.0k 10k
20k 50k100k
10
20
50 100 200 500 1.0k 2.0k 5.0k 10k 20k
50k 100k
300
200
100
70
50
30
20
10
7.0
5.0
3.0
20
16
12
8.0
4.0
0
MMBT5088
MMBT5089


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn