Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SES15VT23-3 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SES15VT23-3
Description  Bidirectional ESD Protection Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SES15VT23-3 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SES15VT23-3 Datasheet HTML 1Page - GOOD-ARK Electronics SES15VT23-3 Datasheet HTML 2Page - GOOD-ARK Electronics SES15VT23-3 Datasheet HTML 3Page - GOOD-ARK Electronics SES15VT23-3 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SES SOT23Series
ESD Protector
3
www.goodark.com
Bidirectional ESD Protection Array
SES
xxxT23-3
ROHS
Typical Characteristics


Similar Part No. - SES15VT23-3

ManufacturerPart #DatasheetDescription
logo
Surge Components
SES12VD523-2U SURGE-SES12VD523-2U Datasheet
401Kb / 5P
   350 Watts peak pulse power
SES12VD923-2U SURGE-SES12VD923-2U Datasheet
276Kb / 5P
   140 Watts peak pulse power
logo
GOOD-ARK Electronics
SES12VN1010-5 GOOD-ARK-SES12VN1010-5 Datasheet
185Kb / 3P
   ESD Protector
logo
Surge Components
SES12VN1010-5 SURGE-SES12VN1010-5 Datasheet
263Kb / 4P
   Solid-state silicon-avalanche technology
logo
GOOD-ARK Electronics
SES12VSC70-5 GOOD-ARK-SES12VSC70-5 Datasheet
487Kb / 6P
   ESD Protector
More results

Similar Description - SES15VT23-3

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SES5VT23-3 GOOD-ARK-SES5VT23-3 Datasheet
193Kb / 3P
   Bidirectional ESD Protection Array
SES5VT323-3 GOOD-ARK-SES5VT323-3 Datasheet
154Kb / 3P
   Bidirectional ESD Protection Array
logo
Nexperia B.V. All right...
PESD3V3L4BHC NEXPERIA-PESD3V3L4BHC Datasheet
289Kb / 11P
   4-fold bidirectional ESD protection array
7 June 2019
logo
STMicroelectronics
ESDA14V2-2BF3 STMICROELECTRONICS-ESDA14V2-2BF3 Datasheet
170Kb / 9P
   Quad bidirectional Transi array for ESD protection
logo
Littelfuse
SP1004 LITTELFUSE-SP1004 Datasheet
734Kb / 6P
   5pF Bidirectional TVS Array for ESD Protection
logo
STMicroelectronics
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2_08 Datasheet
115Kb / 8P
   Quad bidirectional Transi array for ESD protection
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
   QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
   Quad bidirectional Transil array for ESD protection
logo
Littelfuse
SP1004 LITTELFUSE-SP1004_10 Datasheet
408Kb / 6P
   SPA??Silicon Protection Array Products 5pF Bidirectional TVS Array for ESD Protection
logo
Nexperia B.V. All right...
PESD5V0U2BMB NEXPERIA-PESD5V0U2BMB Datasheet
208Kb / 10P
   Ultra low capacitance bidirectional double ESD protection array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com