Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP10B Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # RGP10B
Description  Glass Passivated Junction Fast Switching Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

RGP10B Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  RGP10B Datasheet HTML 1Page - GOOD-ARK Electronics RGP10B Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Plastic package has Underwriters Laboratories Flammability
Classification 94V-0
High temperature metallurgically bonded construction
Cavity-free glass passivated junction
Capable of meeting environmental standards of MIL-S-19500
For use in high frequency rectifier circuits
Fast switching for high efficiency
1.0 Ampere operation at T
A=55°C with no thermal runaway
Typical I
R less than 0.1µA
High temperature soldering guaranteed: 350°C/10 seconds,
0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Notes:
1. Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
81
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Ratings at 25oC ambient temperature unless otherwise specified.
Case: JEDEC DO-204AL(DO-41)/A-405 molded plastic
over galss body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: DO-41 - 0.012 ounce, 0.335 gram
A-405 - 0.008 ounce, 0.235 gram
M
0
1
P
G
R
u
r
h
t
A
0
1
P
G
R
s
r
e
i
f
i
t
c
e
R
g
n
i
h
c
t
i
w
S
t
s
a
F
n
o
i
t
c
n
u
J
d
e
t
a
v
i
s
s
a
P
s
s
a
l
G
e
r
e
p
m
A
0
.
1
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
0
0
1
o
t
0
5
e
g
a
t
l
o
V
e
s
r
e
v
e
R
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S
P
G
R
A
0
1
P
G
R
B
0
1
P
G
R
D
0
1
P
G
R
G
0
1
P
G
R
J
0
1
P
G
R
K
0
1
P
G
R
M
0
1
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
l
)
m
m
5
.
9
(
"
5
7
3
.
0
A
5
5
=
oC
I
)
V
A
(
F
0
.
1p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
.
0
3s
p
m
A
e
l
c
y
c
ll
u
f
,
t
n
e
r
r
u
c
e
s
r
e
v
e
r
d
a
o
l
ll
u
f
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
l
)
m
m
5
.
9
(
"
5
7
3
.
0
e
g
a
r
e
v
a
A
5
5
=
oC
I
)
V
A
(
R
0
0
1
uA
A
0
.
1
t
a
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
MV
F
3
.
1s
t
l
o
V
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
T
@
A
5
2
=
oC
T
@
A
0
5
1
=
oC
I
R
0
.
5
0
0
2
uA
t
a
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
r
m
u
m
i
x
a
M
I
F
I
,
A
5
.
0
=
R
I
,
A
0
.
1
=
r
r
A
5
2
.
0
=
t
r
r
0
5
10
5
20
0
5
nS
z
H
M
1
,
V
0
.
4
t
a
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
TC
J
.
5
10
pF
)
1
e
t
o
N
(
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TR
θ A
J
0
.
5
5
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
T
,
G
T
S
0
5
1
+
o
t
5
5
-
oC
Note: Lead diameter is 0.025(0.64)/0.021(0.53) for suffix "S" part numbers


Similar Part No. - RGP10B

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP10B ZOWIE-RGP10B Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
RGP10B JINANJINGHENG-RGP10B Datasheet
104Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
RGP10B VISHAY-RGP10B Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
logo
Fairchild Semiconductor
RGP10B FAIRCHILD-RGP10B Datasheet
35Kb / 3P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
Gulf Semiconductor
RGP10B GULFSEMI-RGP10B Datasheet
75Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results

Similar Description - RGP10B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG600R PANJIT-PG600R_05 Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PG600R PANJIT-PG600R_09 Datasheet
67Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
logo
Leshan Radio Company
RGP10MA LRC-RGP10MA_15 Datasheet
176Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers
FR307PG LRC-FR307PG_15 Datasheet
207Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers
logo
Pan Jit International I...
PG300R PANJIT-PG300R_05 Datasheet
424Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PG200R PANJIT-PG200R_09 Datasheet
67Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
logo
Leshan Radio Company
RGP15MA LRC-RGP15MA_15 Datasheet
533Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers
logo
Pan Jit International I...
PG150R PANJIT-PG150R_09 Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PG150R PANJIT-PG150R_04 Datasheet
57Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PG300R PANJIT-PG300R_09 Datasheet
71Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com