Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP43 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # 5KP43
Description  Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

5KP43 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  5KP43 Datasheet HTML 1Page - GOOD-ARK Electronics 5KP43 Datasheet HTML 2Page - GOOD-ARK Electronics 5KP43 Datasheet HTML 3Page - GOOD-ARK Electronics 5KP43 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
612
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted.)
e
p
y
t
e
c
i
v
e
D
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
e
g
a
t
l
o
v
I
t
a
M
P
P
V
C
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
i
f
f
e
o
c
V
f
o
)
R
B
(
/
%
(
o
)
C
.
n
i
M.
x
a
M
3
3
P
K
57
.
6
39
.
4
40
.
50
.
3
30
.
27
.
4
80
.
9
54
0
1
.
0
A
3
3
P
K
57
.
6
36
.
0
40
.
50
.
3
30
.
28
.
3
93
.
3
54
0
1
.
0
6
3
P
K
50
.
0
49
.
8
40
.
50
.
6
30
.
28
.
7
73
.
4
64
0
1
.
0
A
6
3
P
K
50
.
0
42
.
4
40
.
50
.
6
30
.
21
.
6
81
.
8
54
0
1
.
0
0
4
P
K
54
.
4
43
.
4
50
.
50
.
0
40
.
20
.
0
74
.
1
75
0
1
.
0
A
0
4
P
K
54
.
4
41
.
9
40
.
50
.
0
40
.
25
.
7
75
.
4
65
0
1
.
0
3
4
P
K
58
.
7
44
.
8
50
.
50
.
3
40
.
22
.
5
67
.
6
75
0
1
.
0
A
3
4
P
K
58
.
7
48
.
2
50
.
50
.
3
40
.
20
.
2
74
.
9
65
0
1
.
0
5
4
P
K
50
.
0
51
.
1
60
.
50
.
5
40
.
23
.
2
63
.
0
86
0
1
.
0
A
5
4
P
K
50
.
0
53
.
5
50
.
50
.
5
40
.
28
.
8
67
.
2
76
0
1
.
0
8
4
P
K
53
.
3
52
.
5
60
.
50
.
8
40
.
25
.
8
55
.
5
86
0
1
.
0
A
8
4
P
K
53
.
3
59
.
8
50
.
50
.
8
40
.
26
.
4
64
.
7
76
0
1
.
0
1
5
P
K
57
.
6
53
.
9
60
.
50
.
1
50
.
29
.
4
51
.
1
97
0
1
.
0
A
1
5
P
K
57
.
6
57
.
2
60
.
50
.
1
50
.
27
.
0
64
.
2
87
0
1
.
0
4
5
P
K
50
.
0
63
.
3
70
.
50
.
4
50
.
29
.
1
53
.
6
97
0
1
.
0
A
4
5
P
K
50
.
0
63
.
6
60
.
50
.
4
50
.
24
.
7
51
.
7
87
0
1
.
0
8
5
P
K
54
.
4
67
.
8
70
.
50
.
8
50
.
25
.
8
43
0
17
0
1
.
0
A
8
5
P
K
54
.
4
62
.
1
70
.
50
.
8
50
.
24
.
3
54
97
0
1
.
0
0
6
P
K
57
.
6
65
.
1
80
.
50
.
0
60
.
27
.
6
47
0
18
0
1
.
0
A
0
6
P
K
57
.
6
67
.
3
70
.
50
.
0
60
.
27
.
1
57
98
0
1
.
0
4
6
P
K
51
.
1
79
.
6
80
.
50
.
4
60
.
29
.
3
44
1
18
0
1
.
0
A
4
6
P
K
51
.
1
76
.
8
70
.
50
.
4
60
.
25
.
8
43
0
18
0
1
.
0
0
7
P
K
58
.
7
71
.
5
90
.
50
.
0
70
.
20
.
0
45
2
18
0
1
.
0
A
0
7
P
K
58
.
7
70
.
6
80
.
50
.
0
70
.
22
.
4
43
1
18
0
1
.
0
5
7
P
K
53
.
3
82
0
10
.
50
.
5
70
.
23
.
7
34
3
18
0
1
.
0
A
5
7
P
K
53
.
3
81
.
2
90
.
50
.
5
70
.
23
.
1
41
2
18
0
1
.
0
8
7
P
K
57
.
6
86
0
10
.
50
.
8
70
.
20
.
6
39
3
18
0
1
.
0
A
8
7
P
K
57
.
6
88
.
5
90
.
50
.
8
70
.
27
.
9
36
2
18
0
1
.
0
5
8
P
K
54
.
4
95
1
10
.
50
.
5
80
.
21
.
3
31
5
18
0
1
.
0
A
5
8
P
K
54
.
4
94
0
10
.
50
.
5
80
.
25
.
6
37
3
10
1
1
.
0
0
9
P
K
50
0
12
2
10
.
50
.
0
90
.
23
.
1
30
6
10
1
1
.
0
A
0
9
P
K
50
0
11
1
10
.
50
.
0
90
.
22
.
4
36
4
10
1
1
.
0
0
0
1
P
K
51
1
16
3
10
.
50
0
10
.
29
.
7
29
7
10
1
1
.
0
A
0
0
1
P
K
51
1
13
2
10
.
50
0
10
.
29
.
0
32
6
10
1
1
.
0
0
1
1
P
K
52
2
19
4
10
.
50
1
10
.
25
.
5
26
9
12
1
1
.
0
A
0
1
1
P
K
52
2
15
3
10
.
50
1
10
.
22
.
8
27
7
12
1
1
.
0
A
0
2
1
P
K
53
3
17
4
10
.
50
2
10
.
24
.
6
23
9
10
1
1
.
0
A
0
3
1
P
K
54
4
19
5
10
.
50
3
10
.
24
.
4
29
0
20
1
1
.
0
A
0
5
1
P
K
57
6
15
8
10
.
50
5
10
.
20
.
1
23
4
20
1
1
.
0
A
0
6
1
P
K
58
7
17
9
10
.
50
6
10
.
27
.
9
19
5
20
1
1
.
0
A
0
7
1
P
K
59
8
19
0
20
.
50
7
10
.
25
.
8
15
7
20
1
1
.
0
A
0
8
1
P
K
50
0
21
2
20
.
50
8
10
.
25
.
7
12
9
20
1
1
.
0
A
0
9
1
P
K
51
1
23
3
20
.
50
9
10
.
25
.
6
10
1
30
1
1
.
0
A
0
0
2
P
K
52
2
26
4
20
.
50
0
20
.
25
.
5
12
.
9
2
30
1
1
.
0
A
0
1
2
P
K
53
3
28
5
20
.
50
1
20
.
26
.
4
15
.
9
4
30
1
1
.
0
A
0
2
2
P
K
54
4
20
7
20
.
50
2
20
.
27
.
3
11
.
1
7
30
1
1
.
0
A
0
5
2
P
K
57
7
26
0
30
.
50
5
20
.
20
.
2
15
2
40
1
1
.
0
Notes:
1. V
(BR) measured after IT applied for 300us, IT=square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. All terms and symbols are consistent with ANSI/IEEE CA62.35
4. For parts without A, the V
BR is +10%
The 5KP series of high power transient voltage suppressors were designed to be used on the output of switching power supplies. These devices may be used to
replace crowbar circuits. Both the 5 and 10 percent voltage tolerances are referenced to the power supply output voltage level.
They are able to withstand high levels of peak current while allowing a circuit breaker to trip or a fuse blow before shorting. This will enable the user to reset the
breaker or replace the fuse and continue operation. For this type operation, it is recommended that a sufficient mounting surface be used for dissipating the heat
generated by the Transient Voltage Suppressor during the transient or over-voltage condition.
Transient Voltage Suppressors are Silicon PN Junction devices designed for absorption of high voltage transients associated with power disturbances, switching and
induced lighting effects. This series is available from 5.0 volts thru 110 volts.
Application:


Similar Part No. - 5KP43

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP43 SURGE-5KP43 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP43 LUGUANG-5KP43 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Galaxy Semi-Conductor H...
5KP43 BILIN-5KP43 Datasheet
131Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP43 LUGUANG-5KP43 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
DONGGUAN YOU FENG WEI E...
5KP43 YFWDIODE-5KP43 Datasheet
864Kb / 6P
   Transient voltage suppressor power 5000 watts
More results

Similar Description - 5KP43

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
SA5.0 GOOD-ARK-SA5.0_15 Datasheet
410Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 500W Stand Off Voltage 5.0 to 180V
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
Nanjing International G...
F2TVS5.0A DGNJDZ-F2TVS5.0A Datasheet
718Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com