Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP33A Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # 5KP33A
Description  Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

5KP33A Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  5KP33A Datasheet HTML 1Page - GOOD-ARK Electronics 5KP33A Datasheet HTML 2Page - GOOD-ARK Electronics 5KP33A Datasheet HTML 3Page - GOOD-ARK Electronics 5KP33A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
611
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted.)
e
p
y
t
e
c
i
v
e
D
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
e
g
a
t
l
o
v
I
t
a
M
P
P
V
C
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
i
f
f
e
o
c
V
f
o
)
R
B
(
/
%
(
o
)
C
.
n
i
M.
x
a
M
0
.
5
P
K
50
4
.
60
3
.
70
50
.
50
0
0
21
2
56
.
97
5
0
.
0
A
0
.
5
P
K
50
4
.
60
0
.
70
50
.
50
0
0
23
4
52
.
97
5
0
.
0
0
.
6
P
K
57
6
.
65
1
.
80
50
.
60
0
0
59
3
44
.
1
11
6
0
.
0
A
0
.
6
P
K
57
6
.
67
3
.
70
50
.
60
0
0
55
8
43
.
0
11
6
0
.
0
5
.
6
P
K
52
2
.
72
8
.
80
55
.
60
0
0
27
0
43
.
2
15
6
0
.
0
A
5
.
6
P
K
52
2
.
78
9
.
70
55
.
60
0
0
26
4
42
.
1
15
6
0
.
0
0
.
7
P
K
58
7
.
71
5
.
90
50
.
70
0
0
16
7
33
.
3
18
6
0
.
0
A
0
.
7
P
K
58
7
.
70
6
.
80
50
.
70
0
0
17
1
40
.
2
18
6
0
.
0
5
.
7
P
K
53
3
.
82
.
0
10
.
55
.
70
5
20
5
33
.
4
13
7
0
.
0
A
5
.
7
P
K
53
3
.
81
2
.
90
.
55
.
70
5
28
8
39
.
2
13
7
0
.
0
0
.
8
P
K
59
8
.
89
.
0
10
.
50
.
80
5
13
3
30
.
5
15
7
0
.
0
A
0
.
8
P
K
59
8
.
83
8
.
90
.
50
.
80
5
18
6
36
.
3
15
7
0
.
0
5
.
8
P
K
54
4
.
95
.
1
10
.
55
.
80
54
1
39
.
5
18
7
0
.
0
A
5
.
8
P
K
54
4
.
94
.
0
10
.
55
.
80
57
4
34
.
4
18
7
0
.
0
0
.
9
P
K
50
.
0
12
.
2
10
.
50
.
90
26
9
29
.
6
11
8
0
.
0
A
0
.
9
P
K
50
.
0
11
.
1
10
.
50
.
90
25
2
34
.
5
11
8
0
.
0
0
1
P
K
51
.
1
16
.
3
10
.
50
.
0
15
16
6
28
.
8
14
8
0
.
0
A
0
1
P
K
51
.
1
13
.
2
10
.
50
.
0
15
14
9
20
.
7
14
8
0
.
0
1
1
P
K
52
.
2
19
.
4
10
.
50
.
1
10
19
4
21
.
0
26
8
0
.
0
A
1
1
P
K
52
.
2
15
.
3
10
.
50
.
1
10
15
7
22
.
8
16
8
0
.
0
2
1
P
K
53
.
3
13
.
6
10
.
50
.
2
10
.
57
2
20
.
2
28
8
0
.
0
A
2
1
P
K
53
.
3
17
.
4
10
.
50
.
2
10
.
51
5
29
.
9
18
8
0
.
0
3
1
P
K
54
.
4
16
.
7
10
.
50
.
3
10
.
20
1
28
.
3
20
9
0
.
0
A
3
1
P
K
54
.
4
19
.
5
10
.
50
.
3
10
.
23
3
25
.
1
20
9
0
.
0
4
1
P
K
56
.
5
11
.
9
10
.
50
.
4
10
.
24
9
18
.
5
22
9
0
.
0
A
4
1
P
K
56
.
5
12
.
7
10
.
50
.
4
10
.
26
1
22
.
3
22
9
0
.
0
5
1
P
K
57
.
6
14
.
0
20
.
50
.
5
10
.
26
8
19
.
6
24
9
0
.
0
A
5
1
P
K
57
.
6
15
.
8
10
.
50
.
5
10
.
25
0
24
.
4
24
9
0
.
0
6
1
P
K
58
.
7
18
.
1
20
.
50
.
6
10
.
24
7
18
.
8
26
9
0
.
0
A
6
1
P
K
58
.
7
17
.
9
10
.
50
.
6
10
.
22
9
10
.
6
26
9
0
.
0
7
1
P
K
59
.
8
11
.
3
20
.
50
.
7
10
.
24
6
15
.
0
37
9
0
.
0
A
7
1
P
K
59
.
8
19
.
0
20
.
50
.
7
10
.
21
8
16
.
7
27
9
0
.
0
8
1
P
K
50
.
0
24
.
4
20
.
50
.
8
10
.
25
5
12
.
2
38
9
0
.
0
A
8
1
P
K
50
.
0
21
.
2
20
.
50
.
8
10
.
21
7
12
.
9
28
9
0
.
0
0
2
P
K
52
.
2
21
.
7
20
.
50
.
0
20
.
20
4
18
.
5
39
9
0
.
0
A
0
2
P
K
52
.
2
25
.
4
20
.
50
.
0
20
.
24
5
14
.
2
39
9
0
.
0
2
2
P
K
54
.
4
28
.
9
20
.
50
.
2
20
.
27
2
14
.
9
30
0
1
.
0
A
2
2
P
K
54
.
4
29
.
6
20
.
50
.
2
20
.
21
4
15
.
5
30
0
1
.
0
4
2
P
K
57
.
6
26
.
2
30
.
50
.
4
20
.
26
1
10
.
3
41
0
1
.
0
A
4
2
P
K
57
.
6
25
.
9
20
.
50
.
4
20
.
29
2
19
.
8
31
0
1
.
0
6
2
P
K
59
.
8
23
.
5
30
.
50
.
6
20
.
27
0
16
.
6
41
0
1
.
0
A
6
2
P
K
59
.
8
29
.
1
30
.
50
.
6
20
.
29
1
11
.
2
41
0
1
.
0
8
2
P
K
51
.
1
30
.
8
30
.
50
.
8
20
.
20
0
10
.
0
52
0
1
.
0
A
8
2
P
K
51
.
1
34
.
4
30
.
50
.
8
20
.
20
1
14
.
5
42
0
1
.
0
0
3
P
K
53
.
3
37
.
0
40
.
50
.
0
30
.
25
.
3
95
.
3
53
0
1
.
0
A
0
3
P
K
53
.
3
38
.
6
30
.
50
.
0
30
.
23
0
14
.
8
43
0
1
.
0


Similar Part No. - 5KP33A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
5KP33A SOCAY-5KP33A Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Surge Components
5KP33A SURGE-5KP33A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shanghai Shunye Electro...
5KP33A SHUNYE-5KP33A Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP33A LUGUANG-5KP33A Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
First Components Intern...
5KP33A FCI-5KP33A Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 5KP33A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
SA5.0 GOOD-ARK-SA5.0_15 Datasheet
410Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 500W Stand Off Voltage 5.0 to 180V
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
Nanjing International G...
F2TVS5.0A DGNJDZ-F2TVS5.0A Datasheet
718Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com