Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGY888C Datasheet(PDF) 7 Page - NXP Semiconductors

Part # CGY888C
Description  34 dB, 870 MHz GaAs push-pull forward amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CGY888C Datasheet(HTML) 7 Page - NXP Semiconductors

  CGY888C Datasheet HTML 1Page - NXP Semiconductors CGY888C Datasheet HTML 2Page - NXP Semiconductors CGY888C Datasheet HTML 3Page - NXP Semiconductors CGY888C Datasheet HTML 4Page - NXP Semiconductors CGY888C Datasheet HTML 5Page - NXP Semiconductors CGY888C Datasheet HTML 6Page - NXP Semiconductors CGY888C Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NXP Semiconductors
CGY888C
34 dB, 870 MHz GaAs push-pull forward amplifier
© NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 14 October 2009
Document identifier: CGY888C_3
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
11. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description. . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data. . . . . . . . . . . . . . . . . . . . . 2
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 4
7
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
8
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 5
9
Legal information. . . . . . . . . . . . . . . . . . . . . . . . 6
9.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 6
9.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
9.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
9.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
10
Contact information. . . . . . . . . . . . . . . . . . . . . . 6
11
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7


Similar Part No. - CGY888C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY888C NXP-CGY888C Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - CGY888C

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7834-KC NEC-MC-7834-KC Datasheet
86Kb / 2P
   870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2408 ANADIGICS-ACA2408 Datasheet
209Kb / 12P
   870 MHz, 34 dB Gain CATV Push-Pull Line Amplifier
logo
California Eastern Labs
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
NXP Semiconductors
CGY887 PHILIPS-CGY887 Datasheet
51Kb / 8P
   870 MHz, 21.5 dB gain push-pull amplifier
2002 Jun 27
logo
California Eastern Labs
MC-7832 CEL-MC-7832_1 Datasheet
280Kb / 7P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7833 CEL-MC-7833_06 Datasheet
281Kb / 7P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7833_2015 JMNIC-MC-7833_2015 Datasheet
61Kb / 6P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7831 CEL-MC-7831_1 Datasheet
280Kb / 7P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831_2015 JMNIC-MC-7831_2015 Datasheet
61Kb / 6P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com