Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBM041A-85 Datasheet(PDF) 2 Page - BOWEI Integrated Circuits CO.,LTD.

Part # LBM041A-85
Description  Digitally tuned Hopping filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

LBM041A-85 Datasheet(HTML) 2 Page - BOWEI Integrated Circuits CO.,LTD.

  LBM041A-85 Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD. LBM041A-85 Datasheet HTML 2Page - BOWEI Integrated Circuits CO.,LTD. LBM041A-85 Datasheet HTML 3Page - BOWEI Integrated Circuits CO.,LTD. LBM041A-85 Datasheet HTML 4Page - BOWEI Integrated Circuits CO.,LTD. LBM041A-85 Datasheet HTML 5Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LBM017A-85~LBM700A-85 Digitally tuned Hopping filter
BOWEI
TEL:+86-311-87091891 87091887 FAX:+86-311-87091282 http://www.cn-bowei.com E-mail:cjian@cn-bowei.com
55
Dimension and Pinout
LBM017A-85~LBM700A-85 have a same outline and pinout as LBM034A~LBM700A
LBM017A-85~LBM700A-85
Vbb=15~100V。
Note:
A0~A7 are 8 control bit lines. Tune words from 00000000 to 11111010 results in the tuned frequency from lowest to
highest
Tuneword =
low
high
low
desired
f
f
f
f
×250 (Note: It will be 200 for LBM039A-85~LBM700A-85)
Example:The tuneword of LBM037A-85 at fc=50MHz is:
Tuneword =
30
90
30
50
×250=83D=53H
Notes
The accuracy of tune words is assured only with Vbb=85V which is the case of manufacture. A low Vbb can cause errors of tune
words so that you must declare to the factory of the exact Vbb used to adjust the errors before delivery.
1) The Input P-1 decided by the bias voltage, refer to the “Input P-1-Bias voltage”typical curve on this page
2) Replacement alternative for MICRO-POLE series of POLE/ZERO
3) Zero DC resistance at both I/O port, additional DC blocking capacitance needed if necessary
T
ypical Curves
Input power (P-1) via Vbb
LBM017A -85(40-110MHz)
f=1
10
MH
z
20
15
10
15
30
25
35
30
45
60
100
85
f=4
0M
Hz
f=6
0M
Hz
Bias Voltage (V)
LBM037A-85 (30-90MHz)
15
10
20
15
30
25
35
85
45
f=6
0M
Hz
f=3
0M
Hz
f=9
0M
Hz
30
60
100
Bias Voltage (V)
LBM039A -85(90-200MHz)
f=20
0MH
z
25
20
15
10
15
30
f=90
MH
z
35
30
f=1
50M
Hz
45
60
100
85
Bias Voltage (V)
LBM040A-85 (200-400MHz)
15
10
15
25
20
35
30
45
30
f=2
00
MH
z
f=3
00
MH
z
f=4
00
MH
z
60
85
100
Bias Voltage (V)


Similar Part No. - LBM041A-85

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LBM1037 LUXPIA-LBM1037 Datasheet
600Kb / 16P
   Specification for Approval
LBM1037 LUXPIA-LBM1037_13 Datasheet
600Kb / 16P
   Specification for Approval
LBM1052N LUXPIA-LBM1052N Datasheet
577Kb / 16P
   Specification for Approval
LBM1052N LUXPIA-LBM1052N_13 Datasheet
577Kb / 16P
   Specification for Approval
LBM1056N LUXPIA-LBM1056N Datasheet
587Kb / 16P
   Specification for Approval
More results

Similar Description - LBM041A-85

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
DVT30-90 BOWEI-DVT30-90 Datasheet
309Kb / 4P
   Miniature Digitally Tuned Filters
logo
American Accurate Compo...
JXWBSJ-T-2000-4000-50D AAC-JXWBSJ-T-2000-4000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
logo
Agilent(Hewlett-Packard...
VTO-8000 HP-VTO-8000 Datasheet
918Kb / 7P
   Varactor-Tuned Oscillators
logo
American Accurate Compo...
JXWBSJ-T-500-1000-50D AAC-JXWBSJ-T-500-1000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-1000-2000-50D AAC-JXWBSJ-T-1000-2000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-4000-8000-50D AAC-JXWBSJ-T-4000-8000-50D Datasheet
61Kb / 1P
   Electrically Tuned Attenuator
logo
Microchip Technology
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
logo
American Accurate Compo...
JXWBSJ-T-8000-18000-60D AAC-JXWBSJ-T-8000-18000-60D Datasheet
60Kb / 1P
   Electrically Tuned Attenuator
logo
NXP Semiconductors
TEA5762 PHILIPS-TEA5762 Datasheet
171Kb / 32P
   Self Tuned Radio STR
1999 Aug 04
TEA5757HL PHILIPS-TEA5757HL Datasheet
209Kb / 40P
   Self Tuned Radio STR
2000 Feb 02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com