Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER103G Datasheet(PDF) 2 Page - Weitron Technology

Part # HER103G
Description  High Efficiency Rectifier Glass Passivation Junction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

HER103G Datasheet(HTML) 2 Page - Weitron Technology

  HER103G Datasheet HTML 1Page - Weitron Technology HER103G Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VRRM
VRMS
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
WEITRON
HER
101G
HER
102G
HER
103G
HER
104G
HER
105G
HER
106G
HER
107G
http://www.weitron.com.tw
2/2
HER101G thru HER107G
11-Sep-09
Maximum Rating (TA=25°C Unless Otherwise Noted)
Characteristic
VDC
IF
VF
TSTG
1.0
1.3
1.0
1.7
-55 to +150
-55 to +150
V
V
V
Uuits
A
V
Symbol
pF
°C
°C/W
°C
Maximum Instantaneous Forward Voltage
IFSM
30
A
Peak Forward Surge Current, 8.3ms Single
half sine-weve superim posed on rated load
Operating temperature range
Trr
Tj
nS
Maximum Reverse Recovery Time
IR
5.0
100
50
75
µA
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ=25°C
@1.0A
TJ=100°C
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
CJ
Typical Junction Capacitance
15
10
RθJA
Typical Thermal Resistance
70
Storage temperature range


Similar Part No. - HER103G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER103G JGD-HER103G Datasheet
172Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Chongqing Pingwei Enter...
HER103G CHONGQING-HER103G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Jinan Jing Heng Electro...
HER103G JINGHENG-HER103G Datasheet
60Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shanghai Lunsure Electr...
HER103G CHENYI-HER103G Datasheet
157Kb / 2P
   GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
logo
SeCoS Halbleitertechnol...
HER103G SECOS-HER103G Datasheet
454Kb / 2P
   1.0 AMP Glass Passivated High Efficiency Rectifier
More results

Similar Description - HER103G

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
HER301G WEITRON-HER301G Datasheet
218Kb / 2P
   High Efficiency Rectifier Glass Passivation Junction
logo
Jinan Jing Heng Electro...
US1A JINGHENG-US1A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION HIGH EFFICIENCY RECTIFIER
logo
Compact Technology Corp...
PR1001G CTC-PR1001G Datasheet
64Kb / 2P
   FAST RECOVERY RECTIFIERS GLASS PASSIVATION JUNCTION
PR1001G CTC-PR1001G_15 Datasheet
99Kb / 2P
   FAST RECOVERY RECTIFIERS GLASS PASSIVATION JUNCTION
logo
Leshan Radio Company
HER108G LRC-HER108G_15 Datasheet
275Kb / 7P
   Glass Passivated Junction High Efficiency Rectifiers
HER308G LRC-HER308G_15 Datasheet
337Kb / 7P
   Glass Passivated Junction High Efficiency Rectifiers
EGP30M LRC-EGP30M_15 Datasheet
195Kb / 7P
   Glass Passivated Junction High Efficiency Rectifiers
logo
EIC discrete Semiconduc...
LME1A EIC-LME1A Datasheet
126Kb / 2P
   GLASS PASSIVATED JUNCTION HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER208G LRC-HER208G_15 Datasheet
177Kb / 7P
   Glass Passivated Junction High Efficiency Rectifiers
logo
Yea Shin Technology Co....
FR151G YEASHIN-FR151G Datasheet
74Kb / 2P
   FAST SWITCHING GLASS PASSIVATION RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com