Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC115EM Datasheet(PDF) 10 Page - Weitron Technology

Part # DTC115EM
Description  Bias Resistor Transistor NPN Silicon
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTC115EM Datasheet(HTML) 10 Page - Weitron Technology

Back Button DTC115EM Datasheet HTML 2Page - Weitron Technology DTC115EM Datasheet HTML 3Page - Weitron Technology DTC115EM Datasheet HTML 4Page - Weitron Technology DTC115EM Datasheet HTML 5Page - Weitron Technology DTC115EM Datasheet HTML 6Page - Weitron Technology DTC115EM Datasheet HTML 7Page - Weitron Technology DTC115EM Datasheet HTML 8Page - Weitron Technology DTC115EM Datasheet HTML 9Page - Weitron Technology DTC115EM Datasheet HTML 10Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DTC114EM Series
WEITRON
http://www.weitron.com.tw
10/10
11-Apr-07
1
2
3
TOP VIEW
Dim
A
b
b1
C
D
E
e
HE
Min
Nom
Max
L
Unit:mm
Unit:mm
SOT-723 Outline Demensions
D
b1
b
e
L
HE
1.0
0.40
0.40
0.40
0.40
0.40
0.45
0.15
0.25
0.07
1.15
0.75
0.40 BSC
1.15
0.15
SOLDERING FOOTPRINT
SOT-723
0.20
0.25
0.50
0.55
0.20
0.27
0.3
0.35
0.12
0.17
1.20
1.25
0.80
0.85
1.20
1.25


Similar Part No. - DTC115EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC115EM ROHM-DTC115EM Datasheet
82Kb / 3P
   Digital transistors (built-in resistors)
DTC115EM ROHM-DTC115EM Datasheet
188Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC115EM ROHM-DTC115EM Datasheet
540Kb / 10P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC115EM ROHM-DTC115EM Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC115EM ROHM-DTC115EM Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC115EM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com