Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB52RD168GB-F Datasheet(PDF) 19 Page - Elpida Memory

Part # HB52RD168GB-F
Description  128 MB Unbuffered SDRAM Micro DIMM 16-Mword64-bit, 100 MHz Memory Bus, 1-Bank Module (16 pcs of 16 M 횞 4 components) PC100 SDRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52RD168GB-F Datasheet(HTML) 19 Page - Elpida Memory

Back Button HB52RD168GB-F Datasheet HTML 14Page - Elpida Memory HB52RD168GB-F Datasheet HTML 15Page - Elpida Memory HB52RD168GB-F Datasheet HTML 16Page - Elpida Memory HB52RD168GB-F Datasheet HTML 17Page - Elpida Memory HB52RD168GB-F Datasheet HTML 18Page - Elpida Memory HB52RD168GB-F Datasheet HTML 19Page - Elpida Memory HB52RD168GB-F Datasheet HTML 20Page - Elpida Memory HB52RD168GB-F Datasheet HTML 21Page - Elpida Memory HB52RD168GB-F Datasheet HTML 22Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
HB52RD168GB-F
Data Sheet E0009H10
19
HB52RD168GB
Parameter
-A6F/A6FL/B6F/B6FL
Frequency (MHz)
100
t
CK (ns)
Symbol
PC100
Symbol
10
Notes
S to command disable
l
CDD
0
Power down exit to command input
l
PEC
1
Burst stop to output valid data hold
(
CE latency = 2)
l
BSR
1
(
CE latency = 3)
l
BSR
2
Burst stop to output high impedance
(
CE latency = 2)
l
BSH
2
(
CE latency = 3)
l
BSH
3
Burst stop to write data ignore
l
BSW
0
Notes: 1. l
RCD to lRRD are recommende d value.
2. Be valid [DSEL] or [NOP] at next command of self refresh exit.
3. Except [DSEL] and [NOP].


Similar Part No. - HB52RD168GB-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RD328DC-A6F ELPIDA-HB52RD328DC-A6F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52RD328DC-A6FL ELPIDA-HB52RD328DC-A6FL Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52RD328DC-B6F ELPIDA-HB52RD328DC-B6F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52RD328DC-B6FL ELPIDA-HB52RD328DC-B6FL Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52RD328DC-F ELPIDA-HB52RD328DC-F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
More results

Similar Description - HB52RD168GB-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D48GB-F ELPIDA-HB52D48GB-F Datasheet
149Kb / 23P
   32 MB Unbuffered SDRAM Micro DIMM 4-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 4 M 횞 16 components) PC100 SDRAM
HB52D328DC-B ELPIDA-HB52D328DC-B Datasheet
180Kb / 24P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
HB52RD328DC-F ELPIDA-HB52RD328DC-F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52R649E1U-A6B ELPIDA-HB52R649E1U-A6B Datasheet
158Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52E649E12 ELPIDA-HB52E649E12 Datasheet
147Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52R329E22-F ELPIDA-HB52R329E22-F Datasheet
356Kb / 66P
   256 MB Registered SDRAM DIMM 32-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 16 M 횞 4 Components) PC100 SDRAM
HB52D88GB-F ELPIDA-HB52D88GB-F Datasheet
155Kb / 22P
   64 MB Unbuffered SDRAM Micro DIMM 8-Mword 쨈 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 8 M 쨈 16 components) PC100 SDRAM
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
HB52R1289E2U-A6B ELPIDA-HB52R1289E2U-A6B Datasheet
166Kb / 22P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com