Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB52F168GB-B Datasheet(PDF) 16 Page - Elpida Memory

Part # HB52F168GB-B
Description  128 MB Unbuffered SDRAM Micro DIMM 16-Mword64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52F168GB-B Datasheet(HTML) 16 Page - Elpida Memory

Back Button HB52F168GB-B Datasheet HTML 11Page - Elpida Memory HB52F168GB-B Datasheet HTML 12Page - Elpida Memory HB52F168GB-B Datasheet HTML 13Page - Elpida Memory HB52F168GB-B Datasheet HTML 14Page - Elpida Memory HB52F168GB-B Datasheet HTML 15Page - Elpida Memory HB52F168GB-B Datasheet HTML 16Page - Elpida Memory HB52F168GB-B Datasheet HTML 17Page - Elpida Memory HB52F168GB-B Datasheet HTML 18Page - Elpida Memory HB52F168GB-B Datasheet HTML 19Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
HB52F168GB-B, HB52D168GB-B
Data Sheet E0008H10
16
Relationship Between Frequency and Minimum Latency
HB52F168GB-B/HB52D168GB-B
Parameter
133
100
Frequency (MHz)
CE latency = 3 CE latency = 2
t
CK (ns)
Symbol
PC100
Symbol 7.5
10
Notes
Active command to column command
(same bank)
I
RCD
321
Active command to active command
(same bank)
I
RC
97= [I
RAS + IRP]
1
Active command to precharge command
(same bank)
I
RAS
651
Precharge command to active command
(same bank)
I
RP
321
Write recovery or data-in to precharge
command (same bank)
I
DPL
Tdpl
2
2
1
Active command to active command
(different bank)
I
RRD
221
Self refresh exit time
I
SREX
Tsrx
1
1
2
Last data in to active command
(Auto precharge, same bank)
I
APW
Tdal
5
4
= [I
DPL + IRP]
Self refresh exit to command input
I
SEC
97= [I
RC]
3
Precharge command to high impedance
I
HZP
Troh
3
2
Last data out to active command
(auto precharge) (same bank)
I
APR
11
Last data out to precharge
(early precharge)
I
EP
–2
–1
Column command to column command
I
CCD
Tccd
1
1
Write command to data in latency
I
WCD
Tdwd
0
0
DQMB to data in
I
DID
Tdqm
0
0
DQMB to data out
I
DOD
Tdqz
2
2
CKE to CK disable
I
CLE
Tcke
1
1
Register set to active command
I
RSA
Tmrd
1
1
S to command disable
I
CDD
00
Power down exit to command input
I
PEC
11
Notes: 1. I
RCD to IRRD are recommended value.
2. Be valid [DSEL] or [NOP] at next command of self refresh exit.
3. Except [DSEL] and [NOP]


Similar Part No. - HB52F168GB-B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
HB52F328DC-75BL ELPIDA-HB52F328DC-75BL Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
HB52F329EM-75B ELPIDA-HB52F329EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
HB52F648EN-75B ELPIDA-HB52F648EN-75B Datasheet
200Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 133 MHz Memory Bus PC133 SDRAM
More results

Similar Description - HB52F168GB-B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RD168GB-F ELPIDA-HB52RD168GB-F Datasheet
115Kb / 22P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (16 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52RF648DC-B ELPIDA-HB52RF648DC-B Datasheet
160Kb / 20P
   512 MB Unbuffered SDRAM S.O.DIMM 64-Mword 횞 64-bit, 133/100 MHz Memory Bus, 2-Bank Module (16 pcs of 32 M 횞 8 components) PC133/100 SDRAM
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
HB52D48GB-F ELPIDA-HB52D48GB-F Datasheet
149Kb / 23P
   32 MB Unbuffered SDRAM Micro DIMM 4-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 4 M 횞 16 components) PC100 SDRAM
HB52RF649E1U-75B ELPIDA-HB52RF649E1U-75B Datasheet
157Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52D328DC-B ELPIDA-HB52D328DC-B Datasheet
180Kb / 24P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
HB52RF1289E2-75B ELPIDA-HB52RF1289E2-75B Datasheet
167Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2U-75B ELPIDA-HB52RF1289E2U-75B Datasheet
157Kb / 20P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2 ELPIDA-HB52RF1289E2 Datasheet
161Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RD328DC-F ELPIDA-HB52RD328DC-F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com