Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5112805FTD-5 Datasheet(PDF) 13 Page - Elpida Memory

Part # HM5112805FTD-5
Description  128M EDO DRAM (16-Mword8-bit) 8k refresh/4k refresh
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5112805FTD-5 Datasheet(HTML) 13 Page - Elpida Memory

Back Button HM5112805FTD-5 Datasheet HTML 9Page - Elpida Memory HM5112805FTD-5 Datasheet HTML 10Page - Elpida Memory HM5112805FTD-5 Datasheet HTML 11Page - Elpida Memory HM5112805FTD-5 Datasheet HTML 12Page - Elpida Memory HM5112805FTD-5 Datasheet HTML 13Page - Elpida Memory HM5112805FTD-5 Datasheet HTML 14Page - Elpida Memory HM5112805FTD-5 Datasheet HTML 15Page - Elpida Memory HM5112805FTD-5 Datasheet HTML 16Page - Elpida Memory HM5112805FTD-5 Datasheet HTML 17Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
HM5112805FTD-5, HM5113805FTD-5
Data Sheet E0174H10
13
EDO Page Mode Cycle
HM5112805F/HM5113805F
-5
Parameter
Symbol
Min
Max
Unit
Notes
EDO page mode cycle time
t
HPC
20
ns
20
EDO page mode
RAS pulse width
t
RASP
100000
ns
16
Access time from
CAS precharge
t
CPA
28
ns
9, 17
RAS hold time from CAS precharge
t
CPRH
28
ns
Output data hold time from
CAS low
t
DOH
3
ns
9, 22
CAS hold time referred OE
t
COL
8—
ns
CAS to OE setup time
t
COP
5—
ns
Read command hold time from
CAS precharge
t
RCHC
28
ns
Write pulse width during
CAS precharge t
WPE
8—
ns
OE precharge time
t
OEP
8—
ns
EDO Page Mode Read-Modify-Write Cycle
HM5112805F/HM5113805F
-5
Parameter
Symbol
Min
Max
Unit
Notes
EDO page mode read-modify-write cycle
time
t
HPRWC
57
ns
WE delay time from CAS precharge
t
CPW
45
ns
14
Refresh(HM5112805F Series)
Parameter
Symbol
Max
Unit
Notes
Refresh period
t
REF
64
ms
8192 cycles
Refresh(HM5113805F Series)
Parameter
Symbol
Max
Unit
Notes
Refresh period
t
REF
64
ms
4096 cycles


Similar Part No. - HM5112805FTD-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5112805FTD-6 HITACHI-HM5112805FTD-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
More results

Similar Description - HM5112805FTD-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5113165FTD-6 ELPIDA-HM5113165FTD-6 Datasheet
257Kb / 27P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5113165LTD-6 ELPIDA-HM5113165LTD-6 Datasheet
272Kb / 31P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com