Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM52Y25165B-B6 Datasheet(PDF) 34 Page - Elpida Memory

Part # HM52Y25165B-B6
Description  256M SDRAM 100 MHz 4-Mword16-bit4-bank /16-Mword4-bit4-bank
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM52Y25165B-B6 Datasheet(HTML) 34 Page - Elpida Memory

Back Button HM52Y25165B-B6 Datasheet HTML 30Page - Elpida Memory HM52Y25165B-B6 Datasheet HTML 31Page - Elpida Memory HM52Y25165B-B6 Datasheet HTML 32Page - Elpida Memory HM52Y25165B-B6 Datasheet HTML 33Page - Elpida Memory HM52Y25165B-B6 Datasheet HTML 34Page - Elpida Memory HM52Y25165B-B6 Datasheet HTML 35Page - Elpida Memory HM52Y25165B-B6 Datasheet HTML 36Page - Elpida Memory HM52Y25165B-B6 Datasheet HTML 37Page - Elpida Memory HM52Y25165B-B6 Datasheet HTML 38Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
HM52Y25165B/ HM52Y25405B-B6
Preliminary Data Sheet E0146H10
34
Write command to Precharge command interval (same bank): When the precharge command is executed
for the same bank as the write command that preceded it, the minimum interval between the two commands is
1 clock. However, if the burst write operation is unfinished, the input data must be masked by means of
DQM, DQMU/DQML for assurance of the clock defined by t
DPL.
WRITE to PRECHARGE Command Interval (same bank)
Burst Length = 4 (To stop write operation)
CLK
Command
Din
WRIT
PRE/PALL
tDPL
DQM,
DQMU/DQML
CLK
in A0
in A1
Command
Din
WRIT
PRE/PALL
DQM,
DQMU/DQML
tDPL
Burst Length = 4 (To write all data)
CLK
in A0
in A1
in A2
Command
Din
WRIT
PRE/PALL
in A3
DQM,
DQMU/DQML
tDPL


Similar Part No. - HM52Y25165B-B6

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
HM5212165FLTD-75 HITACHI-HM5212165FLTD-75 Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
Elpida Memory
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
logo
Hitachi Semiconductor
HM5212165FLTD-A60 HITACHI-HM5212165FLTD-A60 Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
More results

Similar Description - HM52Y25165B-B6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5425161B ELPIDA-HM5425161B Datasheet
489Kb / 65P
   256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank/ 16-Mword 횞 4-bit 횞 4-bank
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
logo
OKI electronic componet...
MD56V62160E OKI-MD56V62160E Datasheet
512Kb / 34P
   4-Bank 횞 1,048,576-Word 횞 16-Bit SYNCHRONOUS DYNAMIC RAM
logo
Elpida Memory
HB52D48GB-F ELPIDA-HB52D48GB-F Datasheet
149Kb / 23P
   32 MB Unbuffered SDRAM Micro DIMM 4-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 4 M 횞 16 components) PC100 SDRAM
logo
Winbond
W9712G6JB WINBOND-W9712G6JB Datasheet
1Mb / 86P
   2M 횞 4 BANKS 횞 16 BIT DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com