Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5164405F Datasheet(PDF) 33 Page - Elpida Memory

Part # HM5164405F
Description  64 M EDO DRAM (16-Mword4-bit) 8 k Refresh/4 k Refresh
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5164405F Datasheet(HTML) 33 Page - Elpida Memory

Back Button HM5164405F Datasheet HTML 26Page - Elpida Memory HM5164405F Datasheet HTML 27Page - Elpida Memory HM5164405F Datasheet HTML 28Page - Elpida Memory HM5164405F Datasheet HTML 29Page - Elpida Memory HM5164405F Datasheet HTML 30Page - Elpida Memory HM5164405F Datasheet HTML 31Page - Elpida Memory HM5164405F Datasheet HTML 32Page - Elpida Memory HM5164405F Datasheet HTML 33Page - Elpida Memory HM5164405F Datasheet HTML 34Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
HM5164405F Series, HM5165405F Series
Data Sheet E0097H10
33
HM5164405FTT/FLTT Series
HM5165405FTT/FLTT Series (TTP-32DC)
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
TTP-32DC
Conforms
0.51 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
1.27
0.21 M
*0.42
± 0.08
0.10
20.95
21.35 Max
17
16
32
1
0
° – 5°
11.76
± 0.20
1.15 Max
0.40
± 0.06
0.50
± 0.10
0.80


Similar Part No. - HM5164405F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5164165F HITACHI-HM5164165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5164165FJ-5 HITACHI-HM5164165FJ-5 Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5164165FJ-5 ELPIDA-HM5164165FJ-5 Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5164165FJ-6 HITACHI-HM5164165FJ-6 Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
More results

Similar Description - HM5164405F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Elpida Memory
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5116405 ELPIDA-HM5116405 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
logo
Hitachi Semiconductor
HM5164805F HITACHI-HM5164805F Datasheet
490Kb / 35P
   64 MEDO DRAM (8-Mword X 8-bit) 8 k Refresh/4 k Refresh
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
HM5117805 ELPIDA-HM5117805 Datasheet
549Kb / 32P
   16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
HM51W17805 ELPIDA-HM51W17805 Datasheet
560Kb / 32P
   16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com