Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB54A5129F1U-B75B Datasheet(PDF) 11 Page - Elpida Memory

Part # HB54A5129F1U-B75B
Description  512MB Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB54A5129F1U-B75B Datasheet(HTML) 11 Page - Elpida Memory

Back Button HB54A5129F1U-B75B Datasheet HTML 7Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 8Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 9Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 10Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 11Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 12Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 13Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 14Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
HB54A5129F1U-B75B/10B
Data Sheet E0191H40 (Ver. 4.0)
11
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Note
Voltage on any pin relative to VSS
VT
–1.0 to +4.6
V
1
Supply voltage relative to VSS
VCC, VCCQ
–1.0 to +4.6
V
1
Short circuit output current
IOUT
50
mA
Power dissipation
PT
18
W
Operating ambient temperature
TA
0 to +70
°C
2
Storage temperature
Tstg
–50 to +100
°C
Notes: 1. Respect to VSS.
2. DDR SDRAM component specification.
DC Operating Conditions (TA = 0 to +70°C) (DDR SDRAM Component Specification)
Parameter
Symbol
min.
Typ
max.
Unit
Notes
Supply voltage
VCC, VCCQ
2.3
2.5
2.7
V
1, 2
VSS
0
0
0
V
Input reference voltage
VREF
1.15
1.25
1.35
V
1
Termination voltage
VTT
VREF – 0.04
VREF
VREF + 0.04
V
1
DC Input high voltage
VIH
VREF + 0.18
VCCQ + 0.3
V
1, 3
DC Input low voltage
VIL
–0.3
VREF – 0.18
V
1, 4
DC Input signal voltage
VIN (DC)
–0.3
VCCQ + 0.3
V
5
DC differential input voltage
VSWING (DC) 0.36
VCCQ + 0.6
V
6
Notes: 1. All parameters are referred to VSS, when measured.
2. VCCQ must be lower than or equal to VCC.
3. VIH is allowed to exceed VCC up to 4.6V for the period shorter than or equal to 5ns.
4. VIL is allowed to outreach below VSS down to –1.0V for the period shorter than or equal to 5ns.
5. VIN (DC) specifies the allowable DC execution of each differential input.
6. VSWING (DC) specifies the input differential voltage required for switching.


Similar Part No. - HB54A5129F1U-B75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
186Kb / 16P
   512MB Registered DDR SDRAM DIMM
More results

Similar Description - HB54A5129F1U-B75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD52RC8AKFA ELPIDA-EBD52RC8AKFA Datasheet
184Kb / 18P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U ELPIDA-HB54A5129F1U Datasheet
186Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RD8ABFA ELPIDA-EBD51RD8ABFA Datasheet
196Kb / 19P
   512MB Registered DDR SDRAM DIMM
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
   512MB Registered SDRAM DIMM
logo
List of Unclassifed Man...
SDU06464B5B61MT-50R ETC2-SDU06464B5B61MT-50R Datasheet
206Kb / 12P
   512MB DDR ??SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com