Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB54R5128KN-A75B Datasheet(PDF) 5 Page - Elpida Memory

Part # HB54R5128KN-A75B
Description  512MB DDR SDRAM SO DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB54R5128KN-A75B Datasheet(HTML) 5 Page - Elpida Memory

  HB54R5128KN-A75B Datasheet HTML 1Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 2Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 3Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 4Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 5Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 6Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 7Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 8Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HB54R5128KN-A75B/B75B/10B
Data Sheet E0189H40 (Ver. 4.0)
5
Serial PD Matrix*
1
Byte No.
Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value
Comments
0
Number of bytes utilized by module
manufacturer
1
0
0
0
0
0
0
0
80
128
1
Total number of bytes in serial PD
device
0
0
0
0
1
0
0
0
08
256 byte
2
Memory type
0
0
0
0
0
1
1
1
07
SDRAM DDR
3
Number of row address
0
0
0
0
1
1
0
1
0D
13
4
Number of column address
0
0
0
0
1
0
1
0
0A
10
5
Number of DIMM banks
0
0
0
0
0
0
1
0
02
2
6
Module data width
0
1
0
0
0
0
0
0
40
64 bits
7
Module data width continuation
0
0
0
0
0
0
0
0
00
0 (+)
8
Voltage interface level of this assembly 0
0
0
0
0
1
0
0
04
SSTL 2.5V
9
DDR SDRAM cycle time, CL = X
-A75B
0
1
1
1
0
0
0
0
70
CL = 2.5*
5
-B75B
0
1
1
1
0
1
0
1
75
-10B
1
0
0
0
0
0
0
0
80
10
SDRAM access from clock (tAC)
-A75B/B75B
0
1
1
1
0
1
0
1
75
0.75ns*
5
-10B
1
0
0
0
0
0
0
0
80
0.8ns*
5
11
DIMM configuration type
0
0
0
0
0
0
0
0
00
None
12
Refresh rate/type
1
0
0
0
0
0
1
0
82
7.8 µs
Self refresh
13
Primary SDRAM width
0
0
0
0
1
0
0
0
08
× 8
14
Error checking SDRAM width
0
0
0
0
0
0
0
0
00
Not used
15
SDRAM device attributes:
Minimum clock delay back-to-back
column access
0
0
0
0
0
0
0
1
01
1 CLK
16
SDRAM device attributes:
Burst length supported
0
0
0
0
1
1
1
0
0E
2, 4, 8
17
SDRAM device attributes: Number of
banks on SDRAM device
0
0
0
0
0
1
0
0
04
4
18
SDRAM device attributes:
/CAS latency
0
0
0
0
1
1
0
0
0C
2, 2.5
19
SDRAM device attributes:
/CS latency
0
0
0
0
0
0
0
1
01
0
20
SDRAM device attributes:
/WE latency
0
0
0
0
0
0
1
0
02
1
21
SDRAM module attributes
0
0
1
0
0
0
0
0
20
Unbuffered
22
SDRAM device attributes: General
1
1
0
0
0
0
0
0
C0
± 0.2V
23
Minimum clock cycle time at
CLX - 0.5
-A75B
0
1
1
1
0
1
0
1
75
CL = 2*
5
-B75B/10B
1
0
1
0
0
0
0
0
A0
24
Maximum data access time (tAC) from
clock at CLX - 0.5
-A75B/B75B
0
1
1
1
0
1
0
1
75
0.75ns*
5
-10B
1
0
0
0
0
0
0
0
80
0.8ns*
5
25
Minimum clock cycle time at
CLX - 1
0
0
0
0
0
0
0
0
00
26
Maximum data access time (tAC) from
clock at CLX - 1
0
0
0
0
0
0
0
0
00
27
Minimum row precharge time (tRP)
0
1
0
1
0
0
0
0
50
20ns


Similar Part No. - HB54R5128KN-A75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54R1G9F2 ELPIDA-HB54R1G9F2 Datasheet
146Kb / 16P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2-10B ELPIDA-HB54R1G9F2-10B Datasheet
146Kb / 16P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2-10B ELPIDA-HB54R1G9F2-10B Datasheet
182Kb / 16P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2-A75B ELPIDA-HB54R1G9F2-A75B Datasheet
146Kb / 16P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2-B75B ELPIDA-HB54R1G9F2-B75B Datasheet
146Kb / 16P
   1GB Registered DDR SDRAM DIMM
More results

Similar Description - HB54R5128KN-A75B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDN06464L1BF1MT-60R ETC2-SDN06464L1BF1MT-60R Datasheet
693Kb / 14P
   512MB DDR SDRAM SO-DIMM
logo
Elpida Memory
EBD52UC8AARA ELPIDA-EBD52UC8AARA Datasheet
197Kb / 17P
   512MB DDR SDRAM SO DIMM
logo
White Electronic Design...
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
logo
List of Unclassifed Man...
SDU06464B5B61MT-50R ETC2-SDU06464B5B61MT-50R Datasheet
206Kb / 12P
   512MB DDR ??SDRAM DIMM
SDN06464K1BF1MT-50 ETC2-SDN06464K1BF1MT-50 Datasheet
607Kb / 13P
   512MB DDR1 ??SDRAM SO-DIMM
logo
Elpida Memory
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBE52UD6AJUA ELPIDA-EBE52UD6AJUA Datasheet
301Kb / 28P
   512MB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN06464H2CF1SA-30[EIW]R ETC2-SEN06464H2CF1SA-30[EIW]R Datasheet
420Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CH1MT-30R ETC2-SEN06464H2CH1MT-30R Datasheet
409Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CG1SA-30[EW]R ETC2-SEN06464H2CG1SA-30[EW]R Datasheet
558Kb / 16P
   512MB DDR2 . SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com