Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ90C Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # P4SMAJ90C
Description  400Watt transient voltage suppressors 5.0to170 volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

P4SMAJ90C Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  P4SMAJ90C Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 5Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 6Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P4SMAJ5.0
THRU
P4SMAJ170CA
400 Watt
Transient Voltage
Suppressors
5.0 to 170 Volts
www.cnelectr.com
0.05
5”
0.085 ”
0.058 ”
SUGGESTED SOLDER
PAD LAYOUT
MA X
5”
MI N
5”
MI N
5”
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.157
.181
4.00
4.60
B
.098
.114
2.50
2.90
C
.006
.012
0.152
0.305
D
..030
.060
0.76
1..52
E
.188
.208
4.80
5.28
F
.078
.096
2.00
2.44
G
.055
.062
1.40
1.60
H
.002
.008
0.051
0.203
Features
For Surface Mount Applications
Unidirectional And Bidirectional
Low Inductance
High Temp Soldering: 250
°C for 10 Seconds At Terminals
For Bidirectional Devices Add “C” To The Suffix Of The Part
Number: i.e. P4SMAJ5.0C or P4SMAJ5.0CA for 5% Tolerance
0HFKDQLFDO'DWD
Case: JEDEC DO-214AC
Terminals: Solderable per MIL-STD-750, Method 2026
Polarity: Indicated by cathode band except bi-directional types
0D[LPXP5DWLQJ
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Typical Thermal Resistance: 25
:/W Junction to Ambient
Peak Pulse Current on
10/1000
V :DYHIRUP
IPPM
See Table 1 Note 1
Peak Pulse Power Dissipation
PPPM
Min 400 W
Note 1, 5
Steady State Power Dissipation
PM(AV)
1.0 W
Note 2, 4
Peak Forward Surge Current
IFSM
40A
Note:4
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above
TA=25
: per Fig.2.
2. Mounted on 5.0mm
2 copper pads to each terminal.
3. 8.3ms, single half sine wave duty cycle = 4 pulses per
Minutes maximum.
4. Lead temperature at TL = 75
:.
5. Peak pulse power waveform is 10/1000
V.
A
B
D
C
E
F
G
H
DO-214AC
(SMAJ)( LEAD FRAME)
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769
P4SMAJ5.0~P4SMAJ170CA also can be named as
SMAJ5.0~SMAJ170CA and have the same electrical spec .


Similar Part No. - P4SMAJ90C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ90C PANJIT-P4SMAJ90C Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Surge Components
P4SMAJ90C SURGE-P4SMAJ90C Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Transys Electronics
P4SMAJ90C TRSYS-P4SMAJ90C Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ90C WTE-P4SMAJ90C Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ90C PANJIT-P4SMAJ90C Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMAJ90C

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
P4KE6.8 CHENYI-P4KE6.8 Datasheet
70Kb / 3P
   400 Watt Transient voltage suppressors 6.8to400 volts
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com