Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ26C Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # P4SMAJ26C
Description  400Watt transient voltage suppressors 5.0to170 volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

P4SMAJ26C Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  P4SMAJ26C Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech P4SMAJ26C Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech P4SMAJ26C Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech P4SMAJ26C Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech P4SMAJ26C Datasheet HTML 5Page - Shanghai Lunsure Electronic Tech P4SMAJ26C Datasheet HTML 6Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.cnelectr.com
100
10
1.0
0.1
0.1 £gs
1.0 £gs
10 £gs
100 £gs
1.0ms
10ms
MOUNTED ON 5.0mm 2
COPPER LAND AREAS
NON-REPETITIVE
PULSE WAVEFORM
SHOWN IN FIGURE 3
TA = 25 ¢J
td, PULSE WIDTH, SEC
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE, ¢J
Fig. 1-PEAK PULSE POWER RATING CURVE
Fig. 2-PULSE RATING CURVE
150
100
50
0
0
1.0
2.0
3.0
4.0
TA = 25 ¢J
Pulse Width(td) is Defined as the
Point Where the Peak Current
Decays to 50% of lpp
Peak Value Ippm
Half Value- Ipp
2
10/1000 £gsec Waveform
as Defined by R.E.A.
e-kt
td
tf = 10
£gsec
t, TIME , ms
10,000
40,000
20,000
1,000
6,000
4,000
2,000
100
500
200
10
1.0
2.0
5.0
10
20
50
100
200
MEASURED AT
STAND-OFF
VOLTAGE(VMW)
TJ = 25 ¢J
f = 1.0MHz
Vsig = 50mVp-p
MEASURED AT
ZERO BIAS
V(BR), BREAKDOWN VOLTAGE, VOLTS
Fig. 3-PULSE WAVEFORM
Fig. 4-TYPICAL JUNCTION CAPACITANCE
50
40
30
20
10
1
2
4
10 20
40
100
0
T
J = TJ max
8.3mss SINGLE HALF
SINCE-WAVE JEDEC
METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
P4SMAJ5.0 thru P4SMAJ170CA


Similar Part No. - P4SMAJ26C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ26C PANJIT-P4SMAJ26C Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Surge Components
P4SMAJ26C SURGE-P4SMAJ26C Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Transys Electronics
P4SMAJ26C TRSYS-P4SMAJ26C Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ26C WTE-P4SMAJ26C Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ26C PANJIT-P4SMAJ26C Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMAJ26C

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
P4KE6.8 CHENYI-P4KE6.8 Datasheet
70Kb / 3P
   400 Watt Transient voltage suppressors 6.8to400 volts
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com