Electronic Components Datasheet Search |
|
824LYF-270K Datasheet(PDF) 2 Page - TOKO, Inc |
|
824LYF-270K Datasheet(HTML) 2 Page - TOKO, Inc |
2 / 2 page continued from previous page 前頁より続く TYPE 10RHB2 without Cover カバー無し 東光品番 インダクタンス (1) 許容差 直流抵抗 (4) 最大許容電流 (2) 自己共振周波数 (3)(5) TOKO Part Number Inductance (1) L ( μH) Tolerance (%) DC Resistance (4) ( Ω) Max. Rated DC Current (2) (A) Max. Self-resonant Frequency (3) (5) (MHz) Min. #824LYF-100K 10 ± 10 0.052 2.20 44 #824LYF-120K 12 ± 10 0.059 2.00 33 #824LYF-150K 15 ± 10 0.065 1.93 25 #824LYF-180K 18 ± 10 0.071 1.77 16 #824LYF-220K 22 ± 10 0.076 1.72 12 #824LYF-270K 27 ± 10 0.082 1.56 8.3 #824LYF-330K 33 ± 10 0.086 1.49 5.9 #824LYF-390K 39 ± 10 0.095 1.40 4.9 #824LYF-470K 47 ± 10 0.11 1.29 4.1 #824LYF-560K 56 ± 10 0.12 1.25 4.0 #824LYF-680K 68 ± 10 0.13 1.24 3.9 #824LYF-820K 82 ± 10 0.14 1.04 3.6 #824LYF-101K 100 ± 10 0.18 1.02 2.8 #824LYF-121K 120 ± 10 0.19 0.94 2.6 #824LYF-151K 150 ± 10 0.22 0.92 2.2 #824LYF-181K 180 ± 10 0.25 0.85 2.1 #824LYF-221K 220 ± 10 0.28 0.82 1.9 #824LYF-271K 270 ± 10 0.46 0.60 1.6 #824LYF-331K 330 ± 10 0.50 0.56 1.5 #824LYF-391K 390 ± 10 0.56 0.52 1.4 #824LYF-471K 470 ± 10 0.62 0.48 1.3 #824LYF-561K 560 ± 10 0.69 0.45 1.2 #824LYF-681K 680 ± 10 0.79 0.44 1.1 #824LYF-821K 820 ± 10 0.86 0.40 1.0 #824LYF-102K 1000 ± 10 1.60 0.31 0.87 #824LYF-122K 1200 ± 10 1.80 0.28 0.83 #824LYF-152K 1500 ± 10 2.10 0.27 0.77 #824LYF-182K 1800 ± 10 2.30 0.24 0.71 #824LYF-222K 2200 ± 10 2.60 0.24 0.66 #824LYF-272K 2700 ± 10 3.35 0.19 0.61 #824LYF-332K 3300 ± 10 4.00 0.18 0.52 #824LYF-392K 3900 ± 10 4.50 0.16 0.48 (1) Inductance is measured with a LCR meter 4284A(Agilent Technologies) or equivalent. Test frequency at 1.0kHz (2) Rated DC current is that which causes a 10% inductance reduction from the initial value, or coil temperature to rise by 20°C, whichever is smaller. (Reference ambient temperature 20°C) (3) Self-resonant frequency is measured with a network analyzer model MS560J (Anritsu) or equivalent. (4) DC resistance is measured with a digital multimeter TR6871 (Advantest) or equivalent. (5) Self-resonant frequency is for reference only. (1) インダクタンスはLCRメータ4284A(Agilent Technologies)または 同等品で測定する。測定周波数は1.0kHzです。 (2) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が 初期値より10%減少する直流電流値、または直流電流により、コ イルの温度が20℃上昇の何れか小さい値です。(周囲温度20℃を 基準とする。) 但し( )内の値は参考値として直流重畳特性による電流値です。 (3) 自己共振周波数はネットワークアナライザMS560J (Anritsu)また は同等品により測定する。 (4) 直流抵抗はデジタルマルチメータTR6871(Advantest)または同等 品により測定する。 (5) 自己共振周波数は、参考値です。 Radial Type Fixed Inductors ラジアルタイプ固定インダクタ |
Similar Part No. - 824LYF-270K |
|
Similar Description - 824LYF-270K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |