Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2269 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2269
Description  Insulated Double Banana Jack
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2269 Datasheet(HTML) 1 Page - Pomona Electronics

  2269 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 2269
Insulated Double Banana
Jack
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1093887
Page 1 of 1
FEATURES:
Mounts in panels from .070” to .375” (1.60mm to 9.53mm).
MATERIALS:
Banana Jack: Bright Tin Plated Brass
Mounting Base: Polycarbonate
Insulator: Polycarbonate
Lockwasher: Nickel Plated Steel
Hex Nut: 3/8” ¼-32 Nickel Plated Brass
Solder Turret: Bright Tin Plated Brass
RATINGS:
Operating Voltage: Hands free usage in controlled voltage environments: 2500 Vrms maximum. For CE compliance: not
intended for hand-held use at voltages above 33 Vrms/70 Vdc.
Operating Temperature: +239ºF (+115ºC) Max.
Current: 15 Amperes
ORDERING INFORMATION:
Model 2269-0 (Black Base)
Model 2269-2 (Red Base)


Similar Part No. - 2269

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2269 KR-2269 Datasheet
15Kb / 1P
   Bandpass Filter
logo
List of Unclassifed Man...
2269 ETC2-2269 Datasheet
321Kb / 2P
   Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
logo
Heyco.
2269 HEYCO-2269 Datasheet
129Kb / 1P
   Heyco® Metal Locknuts
logo
PHOENIX CONTACT
2269140 PHOENIX-2269140 Datasheet
318Kb / 4P
   Plug-in card block - SKBI 64/H15-MKDS3
2269153 PHOENIX-2269153 Datasheet
309Kb / 4P
   Plug-in card block - SKBI 64/H15-MKDS5
More results

Similar Description - 2269

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-00233-0 ETC2-BU-00233-0 Datasheet
51Kb / 1P
   Insulated Banana Jack
logo
Keystone Electronics Co...
6091 KEYSTONE-6091 Datasheet
202Kb / 1P
   INSULATED BANANA JACK
1.11.06
logo
Pomona Electronics
5935 POMONA-5935 Datasheet
24Kb / 1P
   2MM Insulated Banana Jack
logo
3M Electronics
2142-2 3M-2142-2 Datasheet
143Kb / 1P
   Insulated Miniature Banana Jack
4601-0 3M-4601-0 Datasheet
26Kb / 1P
   Triple Banana Jack, Insulated
logo
Pomona Electronics
4601 POMONA-4601 Datasheet
26Kb / 1P
   Triple Banana Jack, Insulated
logo
3M Electronics
2142-4 3M-2142-4 Datasheet
28Kb / 1P
   Insulated Miniature Banana Jack
logo
Pomona Electronics
2142 POMONA-2142 Datasheet
143Kb / 1P
   Insulated Miniature Banana Jack
logo
Keystone Electronics Co...
6095 KEYSTONE-6095 Datasheet
189Kb / 1P
   NON-INSULATED BANANA JACK
11.5.99
logo
List of Unclassifed Man...
BU-32101-0 ETC2-BU-32101-0 Datasheet
49Kb / 1P
   Insulated Banana Jack To Standard Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com