Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE350 Datasheet(PDF) 3 Page - Shanghai Lunsure Electronic Tech

Part # P4KE350
Description  400 Watt Transient voltage suppressors 6.8to400 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

P4KE350 Datasheet(HTML) 3 Page - Shanghai Lunsure Electronic Tech

  P4KE350 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech P4KE350 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech P4KE350 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS @25°C
PART NUMBER
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
TEST
CURRENT
IT
RATED
STANDOFF
VOLTAGE
VWM
MAXIMUM
REVERSE
LEAKAGE
ID @VWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
MAXIMUM
PEAK
PULSE
CURRENT
IPP
MAX. TEMP
COEFFICIENT OF
VBR
V(BR) (TA)
–55
°C TO 100°C
MIN
NOM
MAX
mADC
V
(
µA)
V
A
% /
°C
P4KE39
35.1
39
42.9
1
31.6
2
56.4
7.0
.100
P4KE39A
37.1
39
41.0
1
33.3
2
53.9
7.5
.100
P4KE43
38.7
43
47.3
1
34.8
2
61.9
6.5
.101
P4KE43A
40.9
43
45.2
1
36.8
2
59.3
7.0
.101
P4KE47
42.3
47
51.7
1
38.1
2
67.8
5.9
.101
P4KE47A
44.7
47
49.4
1
40.2
2
64.8
6.2
.101
P4KE51
45.9
51
56.1
1
41.3
2
73.5
5.4
.102
P4KE51A
48.5
51
53.6
1
43.6
2
70.1
5.7
.102
P4KE56
50.4
56
61.6
1
45.4
2
80.5
5.0
.103
P4KE56A
53.2
56
58.8
1
47.8
2
77.0
5.2
.103
P4KE62
55.8
62
68.2
1
50.2
2
89.0
4.5
.104
P4KE62A
58.9
62
65.1
1
53.0
2
85.0
4.7
.104
P4KE68
61.2
68
74.8
1
55.1
2
98.0
4.1
.104
P4KE68A
64.6
68
71.4
1
58.1
2
92.0
4.4
.104
P4KE75
67.5
75
82.5
1
60.7
2
108
3.7
.105
P4KE75A
71.3
75
78.8
1
64.1
2
103
3.9
.105
P4KE82
73.8
82
90.2
1
66.4
2
118
3.4
.105
P4KE82A
77.9
82
86.1
1
70.1
2
113
3.5
.105
P4KE91
81.9
91
100
1
73.7
2
131
3.1
.106
P4KE91A
86.5
91
95.5
1
77.8
2
125
3.2
.106
P4KE100
90.0
100
110
1
81.0
2
144
2.8
.106
P4KE100A
95.0
100
105
1
85.5
2
137
2.9
.106
P4KE110
99.0
110
121
1
89.2
2
158
2.5
.107
P4KE110A
105
110
116
1
94.0
2
152
2.6
.107
P4KE120
108
120
132
1
97.2
2
173
2.3
.107
P4KE120A
114
120
126
1
102
2
165
2.4
.107
P4KE130
117
130
143
1
105
2
187
2.1
.107
P4KE130A
124
130
137
1
111
2
179
2.2
.107
P4KE150
135
150
165
1
121
2
215
1.9
.108
P4KE150A
143
150
158
1
128
2
207
1.95
.108
P4KE160
144
160
176
1
130
2
230
1.7
.108
P4KE160A
152
160
168
1
136
2
219
1.8
.108
P4KE170
153
170
187
1
138
2
244
1.6
.108
P4KE170A
162
170
179
1
145
2
234
1.7
.108
P4KE180
162
180
198
1
146
2
258
1.5
.108
P4KE180A
171
180
189
1
154
2
246
1.6
.108
P4KE200
180
200
220
1
162
2
287
1.4
.108
P4KE200A
190
200
210
1
171
2
274
1.5
.108
P4KE220
198
220
242
1
175
2
344
1.0
.110
P4KE220A
209
220
231
1
185
2
328
1.0
.110
P4KE250
225
250
275
1
202
2
360
1.0
.110
P4KE250A
237
250
263
1
214
2
344
1.0
.110
P4KE300
270
300
330
1
243
2
430
1.0
.110
P4KE300A
285
300
315
1
256
2
414
1.0
.110
P4KE350
315
350
385
1
284
2
504
1.0
.110
P4KE350A
333
350
368
1
300
2
482
1.0
.110
P4KE400
360
400
440
1
324
2
574
1.0
.110
P4KE400A
380
400
420
1
342
2
548
1.0
.110
www.cnelectr.com
P4KE6.8 thru P4KE400A


Similar Part No. - P4KE350

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE350 PANJIT-P4KE350 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
DONGGUAN YOU FENG WEI E...
P4KE350 YFWDIODE-P4KE350 Datasheet
917Kb / 6P
   Transient voltage suppressor power 400 watts
logo
Rugao Dachang Electroni...
P4KE350 DACHANG-P4KE350 Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Diotec Semiconductor
P4KE350 DIOTEC-P4KE350 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE350 LUGUANG-P4KE350 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE350

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
P4KE68 MCC-P4KE68 Datasheet
53Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 YFWDIODE-P4KE6.8-DO41 Datasheet
405Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
P4KE6.8A MCC-P4KE6.8A_11 Datasheet
708Kb / 4P
   400 Watt Transient Voltage Suppressors 6.8 to 550 Volts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8-DO27 YFWDIODE-1.5KE6.8-DO27 Datasheet
1,020Kb / 6P
   1500 Watt TRANSIENT Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
SMAJ5.0 MCC-SMAJ5.0 Datasheet
165Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
logo
Bytes
P4KE BYTES-P4KE Datasheet
307Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
P4KE UNIOHM-P4KE Datasheet
89Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
P4KE GWSEMI-P4KE Datasheet
185Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com