Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ58A Datasheet(PDF) 3 Page - Shanghai Lunsure Electronic Tech

Part # P4SMAJ58A
Description  400Watt transient voltage suppressors 5.0to170 volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

P4SMAJ58A Datasheet(HTML) 3 Page - Shanghai Lunsure Electronic Tech

  P4SMAJ58A Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech P4SMAJ58A Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech P4SMAJ58A Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech P4SMAJ58A Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech P4SMAJ58A Datasheet HTML 5Page - Shanghai Lunsure Electronic Tech P4SMAJ58A Datasheet HTML 6Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS @25°C
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @
IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MARKING
CODE
(VOLTS)
MIN
MAX
IT (mA)
(VOLTS)
(AMPS)
(
µA)
1
2
P4SMAJ5.0
5.0
6.40
7.30
10
9.6
41.6
800
AD
HD
P4SMAJ5.0A
5.0
6.40
7.00
10
9.2
43.5
800
AE
HE
P4SMAJ6.0
6.0
6.67
8.15
10
11.4
35.1
800
AF
HF
P4SMAJ6.0A
6.0
6.67
7.37
10
10.3
38.8
800
AG
HG
P4SMAJ6.5
6.5
7.22
8.82
10
12.3
32.5
500
AH
HH
P4SMAJ6.5A
6.5
7.22
7.98
10
11.2
35.7
500
AK
HK
P4SMAJ7.0
7.0
7.78
9.51
10
13.3
30.1
200
AL
HL
P4SMAJ7.0A
7.0
7.78
8.60
10
12.0
33.3
200
AM
HM
P4SMAJ7.5
7.5
8.33
10.2
1
14.3
28.0
100
AN
HN
P4SMAJ7.5A
7.5
8.33
9.21
1
12.9
31.0
100
AP
HP
P4SMAJ8.0
8.0
8.89
10.9
1
15.0
26.5
50
AQ
HQ
P4SMAJ8.0A
8.0
8.89
9.83
1
13.6
29.4
50
AR
HR
P4SMAJ8.5
8.5
9.44
11.5
1
15.9
25.1
10
AS
HS
P4SMAJ8.5A
8.5
9.44
10.4
1
14.4
27.7
10
AT
HT
P4SMAJ9.0
9.0
10.0
12.2
1
16.9
23.6
5
AU
HU
P4SMAJ9.0A
9.0
10.0
11.1
1
15.4
26.0
5
AV
HV
P4SMAJ10
10
11.1
13.6
1
18.8
21.2
5
AW
HW
P4SMAJ10A
10
11.1
12.3
1
17.0
23.5
5
AX
HX
P4SMAJ11
11
12.2
14.9
1
20.1
20.0
5
AY
HY
P4SMAJ11A
11
12.2
13.5
1
18.2
22.0
5
AZ
HZ
P4SMAJ12
12
13.3
16.3
1
22.0
18.1
5
BD
ID
P4SMAJ12A
12
13.3
14.7
1
19.9
20.1
5
BE
IE
P4SMAJ13
13
14.4
17.6
1
23.8
16.8
5
BF
IF
P4SMAJ13A
13
14.4
15.9
1
21.5
18.6
5
BG
IG
P4SMAJ14
14
15.6
19.1
1
25.8
15.5
5
BH
IH
P4SMAJ14A
14
15.6
17.2
1
23.2
17.2
5
BK
IK
P4SMAJ15
15
16.7
20.4
1
26.9
14.8
5
BL
IL
P4SMAJ15A
15
16.7
18.5
1
24.4
16.4
5
BM
IM
P4SMAJ16
16
17.8
21.8
1
28.8
13.8
5
BN
IN
P4SMAJ16A
16
17.8
19.7
1
26.0
15.3
5
BP
IP
P4SMAJ17
17
18.9
23.1
1
30.5
13.1
5
BQ
IQ
P4SMAJ17A
17
18.9
20.9
1
27.6
14.5
5
BR
IR
P4SMAJ18
18
20.0
24.4
1
32.2
12.4
5
BS
IS
P4SMAJ18A
18
20.0
22.1
1
29.2
13.7
5
BT
IT
P4SMAJ20
20
22.2
27.1
1
35.8
11.1
5
BU
IU
P4SMAJ20A
20
22.2
24.5
1
32.4
12.3
5
BV
IV
P4SMAJ5.0 thru P4SMAJ170CA
www.cnelectr.com


Similar Part No. - P4SMAJ58A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ58A PANJIT-P4SMAJ58A Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Yea Shin Technology Co....
P4SMAJ58A YEASHIN-P4SMAJ58A Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
Surge Components
P4SMAJ58A SURGE-P4SMAJ58A Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Formosa MS
P4SMAJ58A FORMOSA-P4SMAJ58A Datasheet
176Kb / 4P
   SURFACE MOUNT TRANSIENT VOLATAGE SUPPRESSOR
logo
Transys Electronics
P4SMAJ58A TRSYS-P4SMAJ58A Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMAJ58A

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
P4KE6.8 CHENYI-P4KE6.8 Datasheet
70Kb / 3P
   400 Watt Transient voltage suppressors 6.8to400 volts
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com