Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE91A Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # P4KE91A
Description  400 Watt Transient voltage suppressors 6.8to400 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

P4KE91A Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  P4KE91A Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech P4KE91A Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech P4KE91A Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS @25°C
PART NUMBER
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
TEST
CURRENT
I T
RATED
STANDOFF
VOLTAGE
VWM
MAXIMUM
REVERSE
LEAKAGE
I D @VWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
MAXIMUM
PEAK
PULSE
CURRENT
IPP
MAX. TEMP
COEFFICIENT OF
V BR
V(BR) (TA)
–55
°C TO 100°C
MIN
NOM
MAX
mADC
V
(
µA)
V
A
% /
°C
P4KE6.8
6.12
6.8
7.48
10
5.50
500
10.8
37
.057
P4KE6.8A
6.45
6.8
7.14
10
5.80
500
10.5
38
.057
P4KE7.5
6.75
7.5
8.25
10
6.05
200
11.7
34
.061
P4KE7.5A
7.13
7.5
7.88
10
6.40
200
11.3
35
.061
P4KE8.2
7.38
8.2
9.02
10
6.63
100
12.5
32
.065
P4KE8.2A
7.79
8.2
8.61
10
7.02
100
12.1
33
.065
P4KE9.1
8.19
9.1
10.0
1
7.37
20
13.8
29
.068
P4KE9.1A
8.65
9.1
9.55
1
7.78
20
13.4
30
.068
P4KE10
9.00
10
11.0
1
8.10
20
15.0
27
.073
P4KE10A
9.50
10
10.5
1
8.55
5
14.5
28
.073
P4KE11
9.90
11
12.1
1
8.92
2
16.2
25
.075
P4KE11A
10.5
11
11.6
1
9.40
2
15.6
26
.075
P4KE12
10.8
12
13.2
1
9.72
2
17.3
23
.078
P4KE12A
11.4
12
12.6
1
10.2
2
16.7
24
.078
P4KE13
11.7
13
14.3
1
10.5
2
19.0
21
.081
P4KE13A
12.4
13
13.7
1
11.1
2
18.2
22
.081
P4KE15
13.5
15
16.5
1
12.1
2
22.0
18
.084
P4KE15A
14.3
15
15.8
1
12.8
2
21.2
19
.084
P4KE16
14.4
16
17.6
1
12.9
2
23.5
17
.086
P4KE16A
15.2
16
16.8
1
13.6
2
22.5
18
.086
P4KE18
16.2
18
19.8
1
14.5
2
26.5
15
.088
P4KE18A
17.1
18
18.0
1
15.3
2
25.2
16
.088
P4KE20
18.0
20
22.0
1
16.2
2
29.1
14
.090
P4KE20A
19.0
20
21.0
1
17.1
2
27.7
14.5
.090
P4KE22
19.8
22
24.2
1
17.8
2
31.9
12.5
.092
P4KE22A
20.9
22
23.1
1
18.8
2
30.6
13
.092
P4KE24
21.6
24
26.4
1
19.4
2
34.7
11.5
.094
P4KE24A
22.8
24
25.2
1
20.5
2
33.2
12
.094
P4KE27
24.3
27
29.7
1
21.8
2
39.1
10
.096
P4KE27A
25.7
27
28.4
1
23.1
2
37.5
11
.096
P4KE30
27.0
30
33.0
1
24.3
2
43.5
9.0
.097
P4KE30A
28.5
30
31.5
1
25.6
2
41.4
9.5
.097
P4KE33
29.7
33
36.3
1
26.8
2
47.7
8.5
.098
P4KE33A
31.4
33
34.7
1
28.2
2
45.7
9.0
.098
P4KE36
32.4
36
39.6
1
29.1
2
52.0
7.5
.099
P4KE36A
34.2
36
37.8
1
30.8
2
49.9
8.0
.099
Figure 4 - Derating Curve
Peak Pulse Power (% PPP) - Versus - Temperature
°C
Temperature
°C
25
100
150
200
% PPP
50
100
Typical Capacitance (pf) – versus – Breakdown voltage (VBR)
Figure 3 - Typical Capacitance
0
10
100
1000
10
100
1000
pf
VBR
10000
Measured at
zero bias
Measured at
standoff voltage
www.cnelectr.com
P4KE6.8 thru P4KE400A


Similar Part No. - P4KE91A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4KE91A LITTELFUSE-P4KE91A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Pan Jit International I...
P4KE91A PANJIT-P4KE91A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE91A TSC-P4KE91A Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Leshan Radio Company
P4KE91A LRC-P4KE91A Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Diotec Semiconductor
P4KE91A DIOTEC-P4KE91A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE91A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
P4KE68 MCC-P4KE68 Datasheet
53Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 YFWDIODE-P4KE6.8-DO41 Datasheet
405Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
P4KE6.8A MCC-P4KE6.8A_11 Datasheet
708Kb / 4P
   400 Watt Transient Voltage Suppressors 6.8 to 550 Volts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8-DO27 YFWDIODE-1.5KE6.8-DO27 Datasheet
1,020Kb / 6P
   1500 Watt TRANSIENT Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
SMAJ5.0 MCC-SMAJ5.0 Datasheet
165Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
logo
Bytes
P4KE BYTES-P4KE Datasheet
307Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
P4KE UNIOHM-P4KE Datasheet
89Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
P4KE GWSEMI-P4KE Datasheet
185Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com