Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL3045CT Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # SBL3045CT
Description  30Amp schottky barrier rectifier 30to45 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

SBL3045CT Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  SBL3045CT Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech SBL3045CT Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cnelectr.com
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
50
100
150
200
250
300
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
10
0
50
40
175
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
20
40
120
140
0
0.001
0.1
1.0
100
10
60
80
100
TJ = 100 C
0.01
TJ = 25 C
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
30
0
20
RESISTIVE OR INDUCTIVE LOAD
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
1000
100
10
0.1
CASE TEMPERATURE , C
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.3
0.9
0.1
1.0
10
100
0.5
0.7
0.1
1.1
TJ = 25 C
PULSE WIDTH 300us
2% Duty Cycle
4
TJ = 25 C, f= 1MHz
RATING AND CHARACTERISTIC CURVES
SBL3030CT thru SBL3045CT


Similar Part No. - SBL3045CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL3045CT DIODES-SBL3045CT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS30022 Rev. B-2
logo
Micro Commercial Compon...
SBL3045CT MCC-SBL3045CT Datasheet
112Kb / 2P
   30 Amp Schottky Barrier Rectifier 30 to 45 Volts
logo
Galaxy Semi-Conductor H...
SBL3045CT BILIN-SBL3045CT Datasheet
193Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SBL3045CT ZOWIE-SBL3045CT Datasheet
79Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Global Corp...
SBL3045CT SIRECT-SBL3045CT Datasheet
140Kb / 2P
   Power Schottky Rectifier - 30Amp 45Volt
More results

Similar Description - SBL3045CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MBR30100CT CHENYI-MBR30100CT Datasheet
238Kb / 2P
   30Amp schottky barrier rectifier 100volts
logo
Cystech Electonics Corp...
MBR30150E3 CYSTEKEC-MBR30150E3 Datasheet
158Kb / 4P
   30Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MBR3040F SECOS-MBR3040F Datasheet
212Kb / 2P
   30Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
MBR30100E3 CYSTEKEC-MBR30100E3 Datasheet
159Kb / 4P
   30Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SS3020 SECOS-SS3020 Datasheet
138Kb / 2P
   30AMP Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SKM3045CTFP CYSTEKEC-SKM3045CTFP Datasheet
547Kb / 5P
   30Amp. MOS BARRIER RECTIFIER
SKM3050CTE3 CYSTEKEC-SKM3050CTE3 Datasheet
510Kb / 5P
   30Amp. MOS BARRIER RECTIFIER
SKM3045CTF3 CYSTEKEC-SKM3045CTF3 Datasheet
572Kb / 6P
   30Amp. MOS BARRIER RECTIFIER
logo
Sirectifier Global Corp...
MBR30100CT SIRECT-MBR30100CT Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 100Volt
SBL30L45CT SIRECT-SBL30L45CT Datasheet
141Kb / 2P
   Power Schottky Rectifier - 30Amp 45Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com