Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS407L Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # RS407L
Description  4Amp single phase bridge rectifier 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

RS407L Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  RS407L Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech RS407L Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS401L (KBL005)
THRU
RS407L (KBL07)
Bridge Rectifier
50 to 1000 Volts
Features
Low Leakage
Low Forward Voltage
Any Mounting Position
Silver Plated Copper Leads
Surge Overload Rating Of 200 Amps
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.728
.768
18.50
19.50
B
.600
.640
15.20
16.30
C
.750
---
19.00
---
D
.236
.256
6.00
6.50
E
.180
.220
4.60
5.60
G
------
.083
------
2.10
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
RS401L
KBL005
50V
35V
50V
RS402L
KBL01
100V
70V
100V
RS403L
KBL02
200V
140V
200V
RS404L
KBL04
400V
280V
400V
RS405L
KBL05
600V
420V
600V
RS406L
KBL06
800V
560V
800V
RS407L
KBL07
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
4.0A
TA = 50
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 3.0A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1.0mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
H
G
D
E
AC
+
-
H
.048
.052
1.20
1.30
          

4 Amp Single Phase
www
.
cnelectr
.com
KBL4/RS4
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - RS407L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS407L RECTRON-RS407L Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
logo
Shenzhen Luguang Electr...
RS407L LUGUANG-RS407L Datasheet
158Kb / 2P
   Silicon Bridge Rectifiers
logo
Bytes
RS407L BYTES-RS407L Datasheet
146Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Kwang Myoung I.S. CO.,L...
RS407L KISEMICONDUCTOR-RS407L Datasheet
74Kb / 2P
   4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Formosa MS
RS407L FORMOSA-RS407L Datasheet
30Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
More results

Similar Description - RS407L

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
   4Amp glass passivated bridge rectifiers 50to1000 volts
KBU8A CHENYI-KBU8A Datasheet
318Kb / 2P
   8Amp single phase bridge rectifier 50to1000 volts
RS601 CHENYI-RS601 Datasheet
48Kb / 2P
   6Amp single phase bridge rectifier 50to1000 volts
RS201 CHENYI-RS201 Datasheet
81Kb / 2P
   2Amp single phase bridge rectifier 50to1000 volts
RS1001 CHENYI-RS1001 Datasheet
45Kb / 2P
   10Amp single phase bridge rectifier 50to1000 volts
MUR405 CHENYI-MUR405 Datasheet
58Kb / 2P
   4Amp super fast recovery rectifier 50to1000 volts
DB151 CHENYI-DB151 Datasheet
126Kb / 2P
   1.5 Amp single phase bridge rectifier 50to1000 volts
DB101 CHENYI-DB101 Datasheet
50Kb / 2P
   1 Amp single phase glass passivated bridge rectifier 50to1000 volts
MB05M CHENYI-MB05M Datasheet
70Kb / 2P
   0.5Amp single phase glass passivated bridge retifier 50to1000 volts
GBJ6005 CHENYI-GBJ6005 Datasheet
56Kb / 2P
   6Amp glass passivated bridge rectifier 50to1000 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com