Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KBU8A Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part No. KBU8A
Description  8Amp single phase bridge rectifier 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENYI [Shanghai Lunsure Electronic Tech]
Homepage  http://www.cnelectr.com
Logo 

KBU8A Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBU8A
THRU
KBU8M
8 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
Features
Low Forward Voltage Drop
Ideal For Printer Circuit Boards
High Current Capability and High Reliability
High Surge Current Capability
Maximum Ratings
Operating Temperature: -50
°C to +150°C
Storage Temperature: -50
°C to +150°C
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
KBU8A
KBU8A
50V
35V
50V
KBU8B
KBU8B
100V
70V
100V
KBU8D
KBU8D
200V
140V
200V
KBU8G
KBU8G
400V
280V
400V
KBU8J
KBU8J
600V
420V
600V
KBU8K
KBU8K
800V
560V
800V
KBU8M
KBU8M
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8 A
Tc = 100
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
TC = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
300mA
TC = 25
°C
TC = 100
°C
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 2%
www.cnelectr.com
(NOTE 1,2 )
KBU
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.895
.935
22.7
23.7
B
.600
.700
16.8
17.8
C
.740
.780
18.8
19.8
NOM
D
.15
∅ x
.23L
3.8
∅ x
5.7L
HOLE
E
---
.300
---
7.5
NOM
F
.100
--
25.4
---
J
.268
.280
6.8
7.1
K
---
.140
---
5.3
NOM
L
.180
.220
4.6
5.6
3PL
A
C
B
D
E
F
G
J
K
L
A
+
-
C
G
.048
.052
1.2
1.3
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn