Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL101GP Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # RL101GP
Description  1.0Amp standard recovery rectifier 50-1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

RL101GP Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  RL101GP Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech RL101GP Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-405
MIN
MAX
MIN
MAX
A
0.166
0.205
4.10
5.20
B
0.080
0.107
2.00
2.70
C
-----
0.024
-----
0.60
D
1.000
-----
25.40
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
Features
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 utilizing
Flame Retardant Epoxy Molding Compound
l
Glass passivated junction version of RL101G thru RL107G
l
1.0 Ampere operation at TA=75
oC with no thermal runaway
Maximum Ratings
l
Operating Temperature: -55
oC to +150oC
l
Storage Temperature: -55
oC to +150oC
l
Maximum Thermal Resistance; 50
oC/W Junction To Lead
RL101GP
---
50V
35V
50V
RL102GP
---
100V
70V
100V
RL103GP
---
200V
140V
200V
RL104GP
---
400V
280V
400V
RL105GP
---
600V
420V
600V
RL106GP
---
800V
560V
800V
RL107GP
---
1000V
700V
1000V
Maximum
DC
Blocking
Voltage
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
*Pulse test: Pulse width 300 sec, Duty cycle 2%
www.
cnelectr.com
RL101GP
THRU
RL107GP
1.0 Amp Standard
Recovery Rectifier
50-1000 Volts
Average Forward
Current
IF(AV)
1.0A
TA=75
oC
Peak Forward
Surge Current
IFSM
30A
8.3mS Sina Half
Maximum
Instantaneous
Forward Voltage
V F
1.10V
IF=1.0A;T A=25
oC
Maximum DC
Reverse Current
At Rated DC
Blocking Voltage
IR
5.0uA
T A=25
o C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz;V R=4.0V
A
B
C
D
D
Cathode
Mark
50uA
T A=125
oC
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - RL101GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RL101GP MCC-RL101GP Datasheet
248Kb / 2P
   1.0 Amp Standard Recovery Rectifier 50-1000 Volts
RL101GP MCC-RL101GP Datasheet
245Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
RL101GP MCC-RL101GP Datasheet
207Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
RL101GP MCC-RL101GP_11 Datasheet
245Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
RL101GP MCC-RL101GP_16 Datasheet
207Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
More results

Similar Description - RL101GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PF501L MCC-PF501L Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
PF501 MCC-PF501 Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
RL101GP MCC-RL101GP Datasheet
248Kb / 2P
   1.0 Amp Standard Recovery Rectifier 50-1000 Volts
logo
WILLAS ELECTRONIC CORP
1H1 WILLAS-1H1 Datasheet
663Kb / 2P
   1.0AMP HIGH EFFICIENCY RECTIFIER-50 to 1000 Volts
HER101 WILLAS-HER101 Datasheet
1Mb / 2P
   1.0AMP HIGH EFFICIENCY RECTIFIER-50 to 1000 Volts
logo
Micro Commercial Compon...
S10A MCC-S10A Datasheet
648Kb / 2P
   10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34D-TP MCC-GL34D-TP Datasheet
98Kb / 3P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A_08 Datasheet
218Kb / 4P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
SOD4001-TS01 MCC-SOD4001-TS01 Datasheet
118Kb / 3P
   1 Amp Standard Recovery Rectifier 50 to 1000 Volts
SOD4001 MCC-SOD4001 Datasheet
101Kb / 3P
   1 Amp Standard Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com