Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP20B Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # RGP20B
Description  2.0Amp glass passivated juntion fast recovery rectifiers 50to1000 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

RGP20B Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  RGP20B Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech RGP20B Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech RGP20B Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RGP20A
THRU
RGP20M
Features
High temperature metallurgically bonded construction
Glass passivated cavity-free junction
2.0 amperes operation at TA=55
OC and with no
thermal runaway.
Typical IR less than 0.2uA
Maximum Ratings
Operating Temperature: -55
OC to +150OC
Storage Temperature: -55
OC to +150OC
Typical Thermal Resistance: 22
OC/W Junction to Ambient
Part Number
Maximum
Recurrent
Peak Reverse
Volt age
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
RGP20A
50V
35V
50V
RGP20B
100V
70V
100V
RGP20D
200V
140V
200V
RGP20G
400V
280V
400V
RGP20J
600V
420V
600V
RGP20K
800V
560V
800V
RGP20M
1000V
700V
1000V
Electrical Characteristics @ 25OC Unless Otherwise Specified
Maximum Average
Forward Current
IF(AV)
2.0 A
TA = 55
OC
Peak Forward Surge
Current
IFSM
80A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 2.0A;
TA=25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
200uA
TA=25
OC
TA=125
OC
Maximum Reverse
Recovery Time
RGP20A-20G
RGP20J
RGP20K-20M
Trr
150nS
250nS
500nS
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
35pF
Measured at
f=1.0MHZ
VR=4.0V
DO-201AE
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.038
.042
0.96
1.06
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
www.cnelectr.com
2.0 Amp Glass
Passivated Junction
Fast Recovery
Rectifiers
50 to 1000 Volts
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - RGP20B

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP20B ZOWIE-RGP20B Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
RGP20B LUGUANG-RGP20B Datasheet
176Kb / 2P
   Fast Recovery Rectifiers
logo
General Semiconductor
RGP20B GE-RGP20B Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
RGP20B TAYCHIPST-RGP20B Datasheet
4Mb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
RGP20B MCC-RGP20B Datasheet
83Kb / 3P
   2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
More results

Similar Description - RGP20B

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GP20A CHENYI-GP20A Datasheet
47Kb / 3P
   2.0Amp glass passivated junction rectifiers 50to1000 volts
HER201G CHENYI-HER201G Datasheet
277Kb / 2P
   2.0Amp glass passivated high efficient rectifiers 50to1000 volts
RGP15A CHENYI-RGP15A Datasheet
50Kb / 3P
   1.5Amp glass passivated junction fast recovery rectifiers 50to1000 volts
RGP30A CHENYI-RGP30A Datasheet
52Kb / 3P
   3.0Amp glass passivated junction fast recovery rectifiers 50to1000 volts
KBP2005 CHENYI-KBP2005 Datasheet
557Kb / 2P
   2.0Amp glass passivated bridge rectifier 50to1000 volts
logo
Shenzhen Luguang Electr...
FR201G LUGUANG-FR201G Datasheet
179Kb / 2P
   2.0AMP. Glass Passivated Fast Recovery Rectifiers
logo
Shanghai Lunsure Electr...
UF5400GP CHENYI-UF5400GP Datasheet
54Kb / 3P
   3Amp ultra fast glass passivated recovery rectifier 50to1000 volts
UF4001GP CHENYI-UF4001GP Datasheet
256Kb / 2P
   1Amp glass passivated ultra fast recovery rectifier 50to1000 volts
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
   4Amp glass passivated bridge rectifiers 50to1000 volts
GP30A CHENYI-GP30A Datasheet
48Kb / 3P
   3.0Amp glass passivated junction rectifiers 50to1000 volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com