Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUGC10DH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SUGC10DH
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SUGC10DH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SUGC10DH Datasheet HTML 1Page - Zowie Technology Corporation SUGC10DH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUGC10DH THRU SUGC10KH
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
Reverse Voltage - 200 to 800 Volts
Forward Current - 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load
Maximum instantaneous forward voltage at 1.0 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
Maximum reverse recovery time (NOTE 1)
Typical junction capacitance (NOTE 2)
Operating junction and storage temperature range
SYMBOLS
VRRM
IFSM
VF
IR
trr
CJ
TJ,TSTG
SUGC10DH
SUGC10GH
SUGC10JH
SUGC10KH
15
0.96
2.50
1.30
1.70
5
50
35
10
-65 to +175
UNITS
Volts
Maximum RMS voltage
VRMS
Volts
Maximum DC blocking voltage
VDC
200
140
200
800
560
800
600
420
600
400
280
400
Volts
Volts
Maximum average forward rectified current (SEE FIG.1)
I (AV)
1.0
Amps
Amps
uA
nS
pF
o
C
Zowie Technology Corporation
REV. 0
*Dimensions in inches and (millimeters)
PATENTED
TM
TM
FEATURES
MECHANICAL DATA
* Halogen-free type
* Lead free product, compliance to RoHs
* Leadless chip form, no lead damage
* Lead-free solder Joint, No Wire bond & Lead Frame
* Low profile package
* For surface mounted applications
* Built-in strain relief
* Low power loss, High efficiency
* High current capability
* High surge capacity
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : Packed with FRP substrate and epoxy underilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Cathode Band, Laser marking
Weight : 0.012 gram
* Equivalent to SOD87, GL1M , SOD123
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Preliminary draft.
1206-S
0.138 (3.50)
0.002 (0.05)
R0.0
16 (0.
40)
0.130 (3.30)
0.035 (0.90)
0.020 (0.50)
0.035 (0.90)
0.020 (0.50)


Similar Part No. - SUGC10DH

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SUGC10DH DGNJDZ-SUGC10DH Datasheet
139Kb / 2P
   1 Amp Super Fast Recovery
More results

Similar Description - SUGC10DH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGF30A ZOWIE-UGF30A Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGC20DH ZOWIE-UGC20DH Datasheet
67Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
BYD127Z ZOWIE-BYD127Z Datasheet
95Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGF15A ZOWIE-UGF15A Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGF20A ZOWIE-UGF20A Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
BYD187Z ZOWIE-BYD187Z Datasheet
98Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP30A ZOWIE-UGP30A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP50D ZOWIE-UGP50D Datasheet
58Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP10A ZOWIE-UGP10A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP15A ZOWIE-UGP15A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com