Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2S56D40AKT Datasheet(PDF) 6 Page - Elpida Memory

Part # M2S56D40AKT
Description  256M Double Data Rate Synchronous DRAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

M2S56D40AKT Datasheet(HTML) 6 Page - Elpida Memory

Back Button M2S56D40AKT Datasheet HTML 2Page - Elpida Memory M2S56D40AKT Datasheet HTML 3Page - Elpida Memory M2S56D40AKT Datasheet HTML 4Page - Elpida Memory M2S56D40AKT Datasheet HTML 5Page - Elpida Memory M2S56D40AKT Datasheet HTML 6Page - Elpida Memory M2S56D40AKT Datasheet HTML 7Page - Elpida Memory M2S56D40AKT Datasheet HTML 8Page - Elpida Memory M2S56D40AKT Datasheet HTML 9Page - Elpida Memory M2S56D40AKT Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
DDR SDRAM
E0338M10 (Ver.1.0)
(Previous Rev.1.54E)
Jan. '03 CP(K)
M2S56D20/ 30/ 40ATP
256M Double Data Rate Synchronous DRAM
M2S56D20/ 30/ 40AKT
TYPE DESIGNATION CODE
This rule is applied to only Synchronous DRAM family.
Mitsubishi Main Designation
Speed Grade
60: 166MHz@CL=2.5,133MHz@CL=2.0
75: 133MHz@CL=2.5,100MHz@CL=2.0
Package Type TP: TSOP(II), KT: sTSOP(Small TSOP)
Process Generation
Function Reserved for Future Use
Organization 2 n
2: x4, 3: x8, 4: x16
DDR Synchronous DRAM
Density 56: 256M bits
Interface V:LVTTL, S:SSTL_3, _2
Memory Style (DRAM)
M 2 S 56 D 3 0 A KT – 60 UL
BLOCK DIAGRAM
/CS /RAS /CAS /WE
UDM,
LDM
Memory
Array
Bank #0
DQ0 - 15
I/O Buffer
Memory
Array
Bank #1
Memory
Array
Bank #2
Memory
Array
Bank #3
Mode Register
Control Circuitry
Address Buffer
A0-12
BA0,1
Clock Buffer
CLK
CKE
Control Signal Buffer
QS Buffer
UDQS,LDQS
DLL
75A: 133MHz@CL=2.5,133MHz@CL=2.0
/CLK
(DDR333B)
(DDR266B)
(DDR266A)
Power Grade UL/U: Ultra Low power L: Low power, Blank: standard


Similar Part No. - M2S56D40AKT

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2S56D40AKT MITSUBISHI-M2S56D40AKT Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2S56D40AKT-10 MITSUBISHI-M2S56D40AKT-10 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2S56D40AKT-10L MITSUBISHI-M2S56D40AKT-10L Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2S56D40AKT-75 MITSUBISHI-M2S56D40AKT-75 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2S56D40AKT-75A MITSUBISHI-M2S56D40AKT-75A Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
More results

Similar Description - M2S56D40AKT

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2S56D20 MITSUBISHI-M2S56D20 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2S56D20AKT MITSUBISHI-M2S56D20AKT Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2S56D20TP MITSUBISHI-M2S56D20TP Datasheet
300Kb / 36P
   256M Double Data Rate Synchronous DRAM
M2S12D20 MITSUBISHI-M2S12D20 Datasheet
754Kb / 38P
   512M Double Data Rate Synchronous DRAM
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
   128M Double Data Rate Synchronous DRAM
logo
Hynix Semiconductor
HY5DU56422DTP HYNIX-HY5DU56422DTP Datasheet
413Kb / 37P
   256M DDR SDRAM (268,435,456-bit CMOS Double Data Rate(DDR) Synchronous DRAM)
logo
Mitsubishi Electric Sem...
M2V56S20ATP MITSUBISHI-M2V56S20ATP Datasheet
690Kb / 49P
   256M Synchronous DRAM
M2V56S20 MITSUBISHI-M2V56S20 Datasheet
431Kb / 51P
   256M Synchronous DRAM
M2V56S20AKT MITSUBISHI-M2V56S20AKT Datasheet
694Kb / 49P
   256M Synchronous DRAM
M2V56S20TP MITSUBISHI-M2V56S20TP Datasheet
280Kb / 49P
   256M Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com