Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL914 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # DL914
Description  500mw 100volt silicon switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

DL914 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  DL914 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech DL914 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech DL914 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
l Fast Switching Speed
l Low Current Leakage
l Low Cost
l Compression Bond Construction
l Surface Mount Application
Maximum Ratings
l Operation & Storage Temperature: -55oC to +150oC
l Maximum Thermal Resistance: 35oC/W Junction
to Ambient
Electrical Characteristics @ 25oC Unless Otherwise Specified
Pulse test: Pulse width 300 usec, Duty cycle 2%.
DL914
500mW 100 Volt
Silicon
Switching Diode
Reverse Volt.
V
R
75V
Peak Reverse Volt.
V
RM
100V
Average Rectified
Current
I
O
150mA
Resistive Load
f>50Hz
Power Dissipation
PTOT
500mW
Junction
Temperature
T
J
200
oC
Peak Forward Surge
Current
I
FSM
500mA 8.3ms, half sine
Maximum
Instantaneous
Forward Volt.
V
F
1.0V
IFM=10mA;
T
J=25oC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
25nA
50uA
V
R=20V
TJ=25
oC
T
J=150
oC
Typical Junction
Capacitance
C
J
4pF
Measured at
1.0MHz, V R=4.0V
Reverse Recovery
Time
Trr
4nS
I
F=10mA
V
R=6V
R
L=100
OHMS
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
0.20
0.40
C
.055
.059
1.40
1.50
MINIMELF
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769
www.cnelectr .com


Similar Part No. - DL914

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL914 MCC-DL914 Datasheet
361Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914 Datasheet
723Kb / 4P
   500mW 100 Volt Silicon Switching Diode
logo
Sangdest Microelectroni...
DL914 SMC-DL914 Datasheet
166Kb / 4P
   FAST SWITCHING DIODE
logo
Micro Commercial Compon...
DL914 MCC-DL914_11 Datasheet
723Kb / 4P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_14 Datasheet
378Kb / 4P
   500mW 100 Volt Silicon Switching Diode
More results

Similar Description - DL914

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4448 MCC-1N4448_11 Datasheet
427Kb / 4P
   500mW 100Volt Switching Diode
1N4448 MCC-1N4448 Datasheet
77Kb / 3P
   500mW 100Volt Switching Diode
logo
Shanghai Lunsure Electr...
DL4448 CHENYI-DL4448 Datasheet
330Kb / 3P
   500mw 100volt switching diode
logo
Micro Commercial Compon...
DL4448 MCC-DL4448_11 Datasheet
223Kb / 4P
   500mW 100Volt Switching Diode
1N4448 MCC-1N4448_13 Datasheet
290Kb / 4P
   500mW 100Volt Switching Diode
DL4448 MCC-DL4448 Datasheet
351Kb / 3P
   500mW 100Volt Switching Diode
1N4448 MCC-1N4448_12 Datasheet
431Kb / 4P
   500mW 100Volt Switching Diode
1N4151 MCC-1N4151_12 Datasheet
401Kb / 4P
   500mW Silicon Switching Diode
1N4151 MCC-1N4151_13 Datasheet
313Kb / 4P
   500mW Silicon Switching Diode
1N4151 MCC-1N4151_11 Datasheet
391Kb / 4P
   500mW Silicon Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com