Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL3050CT Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SBL3050CT
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SBL3050CT Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SBL3050CT Datasheet HTML 1Page - Zowie Technology Corporation SBL3050CT Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBL3030CT THRU SBL3060CT
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 30 to 60 Volts
Forward Current - 30 Amperes
FEATURES
MECHANICAL DATA
* Low Forward Voltage
* Low Switching noise
* High Current Capacity
* Guarantee Reverse Avalance
* Guard-Ring for Stress Protection
* Low Power Loss & High efficiency
* Low Stored Charge Majority Carrier Cnduction
* Plastic Material-UL Recognition Flammability
Classification 94V-0
Case : JEDEC TO-220AB molded plastic body
Terminals : Plated Leads, solderable per
MIL-STD-750, Method 2026
Polarity : Molded on body
Mounting Position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage
Maximum DC reverse current
at rated DC blocking voltage
@TC=25
o
C
@TC=125
o
C
Storage temperature range
SYMBOLS
VRRM
IFSM
VF
IR
TJ,TSTG
250
0.55
0.46
0.65
0.56
0.20
75
-55 to +150
UNITS
Volts
Maximum RMS voltage
VRMS
Volts
Maximum DC blocking voltage
VDC
SBL30
45
45CT
31.5
45
30
30CT
21
30
35
35CT
25
35
40
40CT
28
40
50
50CT
35
50
60
60CT
42
60
Volts
Volts
Maximum average forward rectified current at TC=95
o
C
I (AV)
30
Amps
Amps
Peak repetitive forward current
( Rate VR, square wave, 20kHz )
IFRM
30
Amps
mA
o
C
Zowie Technology Corporation
2008/10
TO-220AB
*Dimensions in inches and (millimeters)
( IF=15 A, TC=25
o
C )
( IF=15 A, TC=100
o
C )
0.154(3.90)
0.146(3.70)
0.413(10.5)
0.374(9.5)
0.108(2.75)
1 2 3
Max.
0.157(4.0)
Max.
0.185(4.7)
0.150(3.8)
0.272(6.9)
0.228(5.8)
0.051(1.3)
0.047(1.2)
0.610(15.5)
0.583(14.8)
0.583(14.8)
0.531(13.5)
0.043(1.1)
0.024(0.6)
0.102(2.6)
0.091(2.3)
0.051(1.3)
Max.
0.022(0.56)
0.014(0.36)
0.126(3.2)
Max.
1
2
3
Operating junction temperature range
TJ
-55 to +125
o
C


Similar Part No. - SBL3050CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL3050CT DIODES-SBL3050CT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS30022 Rev. B-2
logo
Galaxy Semi-Conductor H...
SBL3050CT BILIN-SBL3050CT Datasheet
193Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jiangsu Changjiang Elec...
SBL3050CT JIANGSU-SBL3050CT Datasheet
200Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SBL3050CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com